Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 32 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 28Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 29Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 30Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 31Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 32Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 33Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 34Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 35Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
7.3.6.5 CRC Algorithm
The cyclic redundancy check (CRC) is a CRC-8 error-checking byte, calculated on all the message bytes
(including addresses). It is identical in structure to the SMBus 2.0 packet error check (PEC), and is also known
as the ATM-8 CRC. The CRC is appended to the message for all SPI packets by the device that supplied the
data as the last byte in the packet (when IO_CONTROL[CRC] == 1).
Each bus transaction requires a CRC calculation by both the transmitter and receiver within each packet. The
CRC is calculated in a way that conforms to the polynomial, C(x) = x8 + ×2 + x1 + 1 and must be calculated in the
order of the bits as received, MSB first. The CRC calculation includes all bytes in the transmission, including
address, command, and data. When reading data from the device, the CRC is based on the ADDRESS +
FIRST_REGISTER + LENGTH + returned_device_data[n]. The stuff-bytes used to clock out the data from the IC
are not used as part of the calculation, although if the value 0x00 is used, the 0s have no effect on the CRC.
CRC verification is performed by the receiver when the CS_x line goes false, indicating the end of a packet. If
the CRC verification fails, the message is ignored (discarded), the CRC failure flag is set in the
FAULT_STATUS[CRC] register, and the FAULT line becomes asserted and latched until the error is read and
cleared by the host.
The CRC bit returned in the FAULT_STATUS register reflects the last packet received, not the CRC condition of
the packet reading the FAULT_STATUS contents. CRC errors should be handled at a high priority by the host
controller, before writing to additional registers.
7.3.6.6 Data Packet Usage Examples
The bq76PL536A can be enabled via the host to read just the specific voltage data which would require a total of
2 written bytes (chip address and R/W [#1] + first (starting) register offset [#2]) + LENGTH [#3] and 13 <null>
stuff bytes (12 [n] data bytes + CRC).
The data packet can be expanded periodically to accommodate temperature and GPAI readings as well as
device status as needed by changing the REGISTER_FIRST offset and LENGTH values.
7.3.7 Device Addressing
Each individual device in the series stack requires an address to allow communication with it. Each bq76PL536A
has a CS_S and CS_N that are used in assigning addresses. Once addresses have been assigned, the normal
operation of the CS_N/S lines is asserted (logic high) during communications, and the appropriate bq76PL536A
in the stack responds according to the address transmitted as part of the packet (Figure 22).
When the bq76PL536A is reset, the DEVICE_STATUS[AR] (address request) flag is cleared, the address
register is set to 0x00, and ALERT_S is set and passed down the stack. In this state, where address = 0x00, the
CS_N signal is forced to a de-asserted state (CS is not passed north when an address = 0). In this manner, after
a reset the host is assured that a response at address 0x00 is from the first physical device in the stack. After
address assignment of the current device, the host is assured that the next response at address 0x00 is from the
next physical device in the stack.
Once a valid address is assigned to the device, the CS_N signal responds normally, and follows the CS_H or
CS_S signal, propagating to the next device in the stack. Valid addresses are in the range 0x01 through 0x3e.
0x00 is reserved for device discovery after reset. 0x3f is reserved as a broadcast address for all devices.
NOTE
Designer Note: Broadcast messages are only received by devices with a valid address,
and the next higher device. Any device with an address of 0x00 blocks messages to
devices above it. A broadcast message may not be received by all devices in a stack in
situations where some devices do not have a valid address.
32
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com