Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 43 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 39Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 40Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 41Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 42Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 43Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 44Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 45Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 46Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
7.6.9 FAULT_STATUS Register (0x21)
The FAULT_STATUS register provides information about the source of the FAULT signal. The host must clear
each fault flag by writing a 1 to the bit that is set. The exception is bit 4, which may be written 1 or 0 as needed
to implement self-test of the IC stack and wiring.
Figure 32. FAULT_STATUS Register
7
6
5
4
3
2
1
0
Reserved
I_FAULT
FORCE
POR
CRC
CUV
COV
Table 8. FAULT_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
Reserved
5
I_FAULT
The device has failed an internal register consistency check.
Measurement data and protection function status may not be
accurate and should not be used.
0 = No internal register consistency check fault exists.
1 = The internal consistency check has failed self-test. The host
should attempt to reset the device, see the RESET section. If
the fault persists, the failure should be considered uncorrectable.
4
FORCE
This bit asserts the FAULT signal. It can be used to verify
correct operation and connectivity of the FAULT line as a part of
system self-test.
0 = Deassert FAULT (default)
1 = Assert the FAULT signal
3
POR
This bit indicates a power-on reset (POR) has occurred.
0 = No POR has occurred since this bit was last cleared by the
host.
1 = A POR has occurred. This notifies the host that default
values have been loaded to Group1 and Group2 registers, and
OTP contents have been copied to Group3 registers.
2
CRC
This bit indicates a garbled packet reception by the device.
0 = No errors
1 = A CRC error was detected in the last packet received.
1
CUV
This bit indicates that this bq76PL536A has detected a cell
undervoltage
(CUV)
condition.
Examine
CUV_FAULT
to
determine which cell caused the ALERT.
0 = All cells are above the CUV threshold (default).
1 = One or more cells is below the CUV threshold.
0
COV
This bit indicates that this bq76PL536A has detected a cell
overvoltage
(COV)
condition.
Examine
COV_FAULT
to
determine which cell caused the FAULT.
0 = All cells are above the COV threshold (default).
1 = One or more cells is below the COV threshold.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com