Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 5Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 6Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 7Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 8Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 9Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 10Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 11Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 12Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
Electrical Characteristics (continued)
Typical values stated where TA = 25°C and VBAT = 20 V, Min/Max values stated where TA = –40°C to 85°C and VBAT = 7.2 V
to 27 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
HOST INTERFACE
Logic-level output
voltage, high; SDO_H,
VOH
CL = 20 pF, IOH < 5 mA
(1)
4.5
VLDOD
V
FAULT_H, ALERT_H,
DRDY
Logic-level output
voltage, low; SDO_H,
VOL
CL = 20 pF, IOL < 5 mA
(1)
VSS
0.5
V
FAULT_H, ALERT_H,
DRDY
Logic-level input voltage,
VIH
high; SCLK_H, SDI_H,
2
5.2
V
CS_H, CONV
Logic-level input voltage,
VIL
low; SCLK_H, SDI_H,
VSS
0.8
V
CS_H, CONV
Input capacitance
CIN
SCLK_H, SDI_H, CS_H,
5
pF
CONV
Input leakage current
ILKG
SCLK_H, SDI_H, CS_H,
1
µA
CONV
GENERAL PURPOSE INPUT/OUTPUT (GPIO)
Logic-level input voltage,
VIH
Vin
≤ VREG50
2
V
high
Logic-level input voltage,
VIL
0.8
V
low
Output high-voltage
VOH
Supplied by external approximately100-k
Ω resistor
VREG50
V
pullup voltage
Logic-level output
VOL
IOL = 1 mA
0.3
V
voltage, low
CIN
Input capacitance(1)
5
pF
ILKG
Input leakage current
1
µA
CELL BALANCING CONTROL OUTPUT (CBx)
CBz
Output impedance
1 V < VCELL < 5 V
80
100
120
k
Ω
VRANGE
Output V
VCn-1
VCn
V
ADC COMMON SPECIFICATIONS
ADC_CONTROL[ADC_ON] = 1
5.4
6
6.6
µs
CONV high to
tCONV_START
conversion start(2) (3)
ADC_CONTROL[ADC_ON] = 0
500
µs
Conversion time per
tCONV
ADC_CONTROL[ADC_ON] = 1
5.4
6
6.6
µs
selected channel(4)
ILKG
Input leakage current
Not converting
<10
100
nA
VCn (CELL) INPUTS
VIN
Input voltage range(5)
VCn – VCn–1, where n = 1 to 6
0
6
V
VRES
Voltage resolution(6)
14 bits
~378
µV
Voltage accuracy, total
–10°C
≤ TA ≤ 50°C, 1.2 V < VIN < 4.5 V
–5
±1
5
VACC
error,
mV
–40°C
≤ TA ≤ 85°C, 1.2 V < VIN < 4.5 V
–8
8
VIN = VCn to VCn–1
(1)
Total simultaneous current drawn from all pins is limited by LDOD current to
≤10 mA.
(2)
If ADC_CONTROL[ADC_ON] = 0, add 500 µs to conversion time to allow ADC subsystem to stabilize. This is self-timed by the part.
(3)
Additional 50 ms (POR) is required before first conversion after a) initial cell connection; or b) VBAT falls below VPOR.
(4)
Plus tCONV_START,that is, if device is programmed for six channel conversions, total time is approximately 6 × 6 + 6 = 42 µs.
(5)
0 V may not lie within the range of measured values due to offset voltage limit and device calibration.
(6)
See text for specific conversion formula.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com