Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 30 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 26Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 27Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 28Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 29Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 30Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 31Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 32Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 33Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
StartReg Address
0
Device Address
0
ReadLengthn
ReadData 1
R/W
ReadDatan
CRC
ReadPacket
CS Assertion
DEV ADDR
1 byte
time
REG ADDR
CNT = n
0x00
0x00
0x00
0x00
READn...
CRC
READ 1
READ 2
n + 1 placeholderbytes
CS
SDI
SDO
0x00
0x00
0x00
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
The number of devices in the vertical stack and other factors limit the maximum SCLK frequency. Each device
imposes an approximately 30-ns delay on the round trip communications speed, that is, from SCLK rising (an
input to all devices) to the SDO pin transitioning requires approximately 30 ns per device. The designer must add
to this the delay caused by the PCB trace (in turn determined by the material and layout), any connectors in
series with the connection, and any other wiring or cabling between devices in the system. To maximize speed,
these other system components should be carefully selected to minimize delays and other detrimental effects on
signal quality. Wiring and connectors should receive special attention to their transmission line characteristics.
Other factors which should be considered are clock duty cycle, clock jitter, temperature effects on clock and
system components, user-selected drive level for the level-shift interface, and desired design margin.
The VBUS SPI interface is placed in a low-power mode when CS_H is not asserted on the base device.
The CS_N/S pins are asserted by a logic high on the vertical interface bus (logically inverted from CS_H). This
creates a default VBUS CS condition of logic low, reducing current consumption to a minimum.
To reduce power consumption of the SPI interface to a minimum, the SCLK_H and SDI_H should be maintained
at a logic low (de-asserted) while CS_H is asserted (low). Most SPI buses are operated this way by
microcontrollers. The VBUS versions of these signals are not inverted from the host interface. The device also
de-asserts by default the SDO_N/S pins to minimize power consumption.
7.3.6 Packet Formats
7.3.6.1 Data Read Packet
When the bq76PL536A is selected (CS_S [CS_H for first device] is active and the bq76PL536A has been
addressed) and read request has been initiated, then the data is transmitted on the SDO_S pin to the SDO_N
pin of the next device down the stack. This continues to the first device in the stack, where the data in from the
SDO_N pin is transmitted to the host via the SDO_H pin. The device supplying the read data generates a CRC
as the last byte sent. See Figure 18 and Figure 19 for additional information.
Figure 18. READ Packet Format
Figure 19. READ Packet Detail
30
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com