Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 35 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 31Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 32Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 33Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 34Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 35Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 36Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 37Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 38Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
Device Functional Modes (continued)
IO_CONTROL[TS1:TS2] bits are not modified. The host must also set these bits to zero to minimize current draw
of the thermistors themselves.
SPI communications are preserved; all registers may be read or written.
7.4.1.2 Sleep State Exit (Bit Reset)
VREG50 operation is restored.
COV, CUV, OT circuits are re-enabled.
The ADC circuitry returns to its former state. Note that there is a warm-up delay associated with the ADC enable,
the same delay as specified for enabling from a cold start.
The FAULT and ALERT registers are restored to their pre-SLEEP state. If a FAULT or ALERT condition was
present prior to SLEEP, the FAULT or ALERT pin is immediately asserted.
IC_CONTROL[TS1:TS2] should be set by the host if the OT function or temperature measurement functions are
desired.
7.5 Programming
7.5.1 Programming the EPROM Configuration Registers
The bq76PL536A has a block of OTP-EPROM that is used for configuring the operation of the bq76PL536A.
Programming of the EPROM should take place during pack/system manufacturing. A 7-V (VPP) pulse is required
on the PROG pin. The part uses an internal window comparator to check the voltage, and times the internal
pulse delivered to the EPROM array.
The user first writes the desired values to all of the equivalent Group3 protected register addresses. The desired
data is written to the appropriate address by first applying 7 V to the LDOD1(2) pins. Programming then
performed by writing to the EE_EN register (address 0x3f) with data 0x91. After a time period > 1500 µs, the 7 V
is removed. Nominally, the voltage pulse should be applied for approximately 2–3 ms. Applying the voltage for an
extended period of time may lead to device damage. The write is self-timed internally after receipt of the
command. The following flow chart (Figure 23) illustrates the procedure for programming.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com