Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 53 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 49Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 50Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 51Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 52Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 53Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 54Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 55Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 56Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
Table 25. CONFIG_CUVT Register Field Descriptions
Bit
Field
Type
Reset
Description
7
µs/ms
Determines the units of the delay time, microseconds or
milliseconds
0 = Microseconds
1 = Milliseconds
6-5
Reserved
4-0
CUVD[n]
0x01 = 100; each binary increment adds 100 until 0x1f = 3100
Note: When this register is programmed to 0x00, the delay
becomes 0 s AND the CUV state is NOT latched in the
CUV_FAULT register. In this operating mode, the undervoltage
state for a cell is virtually instantaneous in the CUV_FAULT
register. This mode may cause system firmware to miss a
dangerous cell undervoltage condition.
7.6.30 CONFIG_OT Register (0x46)
The CONFIG_OT register holds the configuration of the overtemperature thresholds for the two TS inputs.
For each respective nibble (OT1 or OT2), the value 0x0 disables this function. Other settings program a trip
threshold. See the Ratiometric Sensing section for details of setting this register. Values above 0x0b are illegal
and should not be used.
Figure 53. CONFIG_OT Register
7
6
5
4
3
2
1
0
OT2[3]
OT2[2]
OT2[1]
OT2[0]
OT1[3]
OT1[2]
OT1[1]
OT1[0]
7.6.31 CONFIG_OTT Register (0x47)
The CONFIG_OTT register determines cell overtemperature detection delay time.
0x01 = 10 ms; each binary increment adds 10 ms until 0xff = 2.55 seconds.
NOTE
When this register is programmed to 0x00, the delay becomes 0 s AND the OT state is
NOT latched in the ALERT_STATUS register. In this operating mode, the overtemperature
state for a TSn input is virtually instantaneous in the register. This mode may cause
system firmware to miss a dangerous overtemperature condition.
Figure 54. CONFIG_OTT Register
7
6
5
4
3
2
1
0
COTD[7]
COTD[6]
COTD[5]
COTD[4]
COTD[3]
COTD[2]
COTD[1]
COTD[0]
7.6.32 USERx Register (0x48–0x4b) (USER1–4)
The four USER registers can be used to store user data. The part does not use these registers for any internal
function. They are provided as convenient storage for user S/N, date of manufacture, and so forth.
Figure 55. USERx Register
7
6
5
4
3
2
1
0
USER[7]
USER[6]
USER[5]
USER[4]
USER[3]
USER[2]
USER[1]
USER[0]
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com