Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 2Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 3Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 4Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 5Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 6Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 7Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 8Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 9Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
VC6
1
AI
Sense voltage input terminal for the positive terminal of the sixth cell
Internal analog voltage reference (+), requires 10-µF, low-ESR ceramic capacitor to
VREF
16
P
AGND for stability
14, 33, 34,
VSS
VSS
P
35
VSSD
25, 49
P
VSS
Thermal pad on bottom of PowerPAD™ package; this must be soldered to similar-size
Thermal pad
–
–
copper area on PCB and connected to VSS, to meet stated specifications herein.
Provides heat-sinking to part.
(1) Key: I = digital input, AI = analog input, O = digital output, OD = open-drain output, T = 3-state output, P = power.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VMAX
BAT1(2)
–0.3
36
V
BAT voltage to any other pin
BAT to any pin
–0.3
36
V
VC1, VC2, VC3, VC4, VC5, VC6
–0.3
36
VC0
–0.3
2
TS1+, TS1–, TS2+, TS2–
–0.3
6
Input voltage, VIN
GPAI
–0.3
6
V
GPIO
–0.3
VREG50 + 0.3
DRDY_N, SDO_N, FAULT_N, ALERT_N
VBAT – 1
VBAT + 2
CONV_S, SDI_S, SCLK_S, CS_S
–2
1
CONV_N, SDI_N, SCLK_N, CS_N
–0.3
36
DRDY_S, SDO_S, FAULT_S, ALERT_S
–0.3
5
Output voltage, VO
GPIO
–0.3
VREG50 + 0.3
V
CB1…CB6 (CBREF = 0x00)
–0.3
36
REG50, AUX
–0.3
6
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
50
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to VSS of this device except where otherwise noted.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com