Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 5 Page - Texas Instruments

  BQ76PL536APAPT Datasheet HTML 1Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 2Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 3Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 4Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 5Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 6Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 7Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 8Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
Host-to-device interface – initiates a synchronous conversion. Pin has 250-nA internal
CONV_H
36
I
sink to VSS.
CONV_N
59
OD
Current-mode output to the next-higher bq76PL536A to initiate a conversion
CONV_S
21
I
Input from the adjacent lower bq76PL536A to initiate a conversion
CS_H
43
I
Host-to-device interface – active-low chip select from host. Internal 100-k
Ω pullup resistor
CS_N
52
OD
Current-mode output used to select the next-higher bq76PL536A for SPI communication
CS_S
29
I
Current-mode input SPI chip-select (slave-select) from the next-lower bq76PL536A
DRDY_H
37
O
Host-to-device interface – conversion complete, data-ready indication
DRDY_N
58
I
Current-mode input indicating conversion data is ready from next-higher bq76PL536A
DRDY_S
22
OD
Current-mode output indicating conversion data is ready to the next lower bq76PL536A
FAULT_H
39
O
Host-to-device interface – FAULT condition detected in this or higher (North) device
FAULT_N
56
I
Current-mode input indicating a system status change from the next-higher bq76PL536A
FAULT_S
24
OD
Current-mode output
GPAI+
48
AI
General-purpose (differential) analog input, connect to VSS if unused.
GPAI–
47
AI
General-purpose (differential) analog input, connect to VSS if unused.
GPIO
45
IOD
Digital open-drain I/O. A 10-k
Ω to 2-MΩ pullup is recommended.
HSEL
44
I
Host interface enable, 0 = enable, 1 = disable
LDOA
17
P
Internal analog 5-V LDO bypass connection, requires 2.2-µF ceramic capacitor for stability
Internal digital 5-V LDO bypass connection 1, requires 2.2-µF ceramic capacitor for
LDOD1
18
P
stability. This pin is tied internally to LDOD2. This pin should be tied to LDOD2 externally.
Internal digital 5-V LDO bypass connection 2, requires 2.2-µF ceramic capacitor for
LDOD2
46
P
stability. This pin is tied internally to LDOD1. This pin should be tied to LDOD1 externally.
NC30
30
–
No connection
NC51
51
–
No connection
NC62
62
–
No connection
REG50
32
P
5-V user LDO output, requires 2.2-µF ceramic capacitor for stability
SCLK_H
40
I
Host-to-device interface – SPI clock from host
SCLK_N
55
OD
Current-mode output SPI clock to the next-higher bq76PL536A
SCLK_S
26
I
Current-mode input SPI clock from the next-lower bq76PL536A
SDI_H
42
I
Host-to-device interface – data from host to device (host MOSI signal)
SDI_N
53
OD
Current-mode output for SPI data to the next-higher bq76PL536A
SDI_S
28
I
Current-mode input for SPI data from the next-lower bq76PL536A
Host-to-device interface – data from device to host (host MISO signal), 3-state pin, 250-nA
SDO_H
41
O
internal pullup
SDO_N
54
I
Current-mode input for SPI data from the next-lower bq76PL536A
SDO_S
27
OD
Current-mode output for SPI data to the next-lower bq76PL536A
Factory test pin. Connect to VSS in user circuitry. This pin includes an approximately100-
TEST
50
I
k
Ω internal pulldown
TS1+
20
AI
Differential temperature sensor input
TS1–
19
AI
Differential temperature sensor input
TS2+
61
AI
Differential temperature sensor input
TS2–
60
AI
Differential temperature sensor input
VC0
13
AI
Sense-voltage input terminal for negative terminal of first cell (VSS)
VC1
11
AI
Sense voltage input terminal for positive terminal of the first cell
VC2
9
AI
Sense voltage input terminal for the positive terminal of the second cell
VC3
7
AI
Sense voltage input terminal for the positive terminal of the third cell
VC4
5
AI
Sense voltage input terminal for the positive terminal of the fourth cell
VC5
3
AI
Sense voltage input terminal for the positive terminal of the fifth cell
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com