Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 42 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 38Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 39Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 40Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 41Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 42Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 43Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 44Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 45Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
7.6.8 ALERT_STATUS Register (0x20)
The ALERT_STATUS register provides information about the source of the ALERT signal. The host must clear
each alert flag by writing a 1 to the bit that is set. The exception is bit 4, which may be written 1 or 0 as needed
to implement self-test of the IC stack and wiring.
Figure 31. ALERT_STATUS Register
7
6
5
4
3
2
1
0
AR
PARITY
ECC_ERR
FORCE
TSD
SLEEP
OT2
OT1
Table 7. ALERT_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7
AR
This bit indicates that the ADDR[0]…[5] bits have been written to
a
valid
address.
This
bit
is
an
inverted
copy
of
the
ADDRESS_CONTROL[AR] bit. It is not cleared until an address
has been programmed in ADDRESS_CONTROL and a 1
followed by a 0 (two writes) is written to the bit.
0 = Address has been assigned.
1 = Address has not been assigned (default at RESET).
6
PARITY
This bit is used to validate the contents of the protected Group3
registers.
0 = Group3 protected register(s) contents are valid.
1 = Group3 protected register(s) contents are invalid. Group3
registers should be refreshed from OTP or directly written from
the host.
5
ECC_ERR
This bit is used to validate the OTP register blocks.
0 = No double-bit errors (a corrected one-bit error may/may not
exist)
1 = An uncorrectable error has been detected in the OTP-
EPROM register bank. OTP-EPROM register(s) are not valid.
4
FORCE
This bit asserts the ALERT signal. It can be used to verify
correct operation and connectivity of the ALERT as a part of
system self-test.
0 = De-assert ALERT (default)
1 = Assert the ALERT signal.
3
TSD
This bit indicates thermal shutdown is active.
0 = Thermal shutdown is inactive (default).
1 = Die temperature has exceeded TSD.
2
SLEEP
This bit indicates SLEEP mode was activated. This bit is only set
when SLEEP is first activated; no continuous ALERT or SLEEP
status is indicated after the host resets the bit, even if the
IO_CTRL[SLEEP] bit remains true. (See IO_CTRL register for
details.)
0 = Normal operation
1 = SLEEP mode was activated.
1
OT2
This bit indicates an overtemperature fault has been detected
via TS2.
0 = Temperature is lower than or equal to the VOT2 (or input
disabled by IO_CONTROL[TS2] = 0).
1 = Temperature is higher than VOT2.
0
OT1
This bit indicates an overtemperature fault has been detected
via TS1.
0 = Temperature is lower than or equal to the VOT1 (or input
disabled by IO_CONTROL[TS1] = 0).
1 = Temperature is higher than VOT1.
42
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com