Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 44 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 40Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 41Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 42Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 43Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 44Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 45Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 46Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 47Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
7.6.10 COV_FAULT Register (0x22)
Figure 33. COV_FAULT Register
7
6
5
4
3
2
1
0
Reserved
OV[6]
OV[5]
OV[4]
OV[3]
OV[2]
OV[1]
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 9. COV_FAULT Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
Reserved
5-0
OV[6]..[1]
These
bits
indicate
which
cell
caused
the
DEVICE_STATUS[COV] flag to be set.
0 = Cell[n] does not have an overvoltage fault (default).
1 = Cell[n] does have an overvoltage fault.
7.6.11 CUV_FAULT Register (0x23)
Figure 34. CUV_FAULT Register
7
6
5
4
3
2
1
0
Reserved
UV[6]
UV[5]
UV[4]
UV[3]
UV[2]
UV[1]
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 10. CUV_FAULT Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
Reserved
5-0
UV[6]..[1]
These
bits
indicate
which
cell
caused
the
DEVICE_STATUS[CUV] flag to be set.
0 = Cell[n] does not have an undervoltage fault (default).
1 = Cell[n] does have an undervoltage fault.
7.6.12 PARITY_H Register (0x24) (PRESULT_A (R/O))
The PRESULT_A register holds the parity result bits for the first eight Group3 protected registers.
Figure 35. PARITY_H Register
7
6
5
4
3
2
1
0
OTT
OTV
CUVT
CUVV
COVT
COVV
IO
FUNC
7.6.13 PARITY_H Register (0x25) (PRESULT_B (R/O))
The PRESULT_B register holds the parity result bits for the second eight Group3 protected registers.
Figure 36. PARITY_H Register
7
6
5
4
3
2
1
0
Reserved
USER4
USER3
USER2
USER1
44
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com