Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 39 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 35Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 36Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 37Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 38Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 39Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 40Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 41Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 42Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
Register Maps (continued)
Table 5. Data and Control Register Descriptions
NAME
ADDR
GROUP
ACCESS(1)
RESET
DESCRIPTION
DEVICE_STATUS
0x00
1
R
0
Status register
GPAI
0x01, 0x02
1
R
0
GPAI measurement data
VCELL1
0x03, 0x04
1
R
0
Cell 1 voltage data
VCELL2
0x05, 0x06
1
R
0
Cell 2 voltage data
VCELL3
0x07, 0x08
1
R
0
Cell 3 voltage data
VCELL4
0x09, 0x0a
1
R
0
Cell 4 voltage data
VCELL5
0x0b, 0x0c
1
R
0
Cell 5 voltage data
VCELL6
0x0d, 0x0e
1
R
0
Cell 6 voltage data
TEMPERATURE1
0x0f, 0x10
1
R
0
TS1+ to TS1– differential voltage data
TEMPERATURE2
0x11, 0x12
1
R
0
TS2+ to TS2– differential voltage data
RSVD
0x13–0x1f
–
–
–
Reserved for future use
ALERT_STATUS
0x20
2
R/W
0x80
Indicates source of ALERT signal
FAULT_STATUS
0x21
2
R/W
0x08
Indicates source of FAULT signal
COV_FAULT
0x22
1
R
0
Indicates cell in OV fault state
CUV_FAULT
0x23
1
R
0
Indicates cell in UV fault state
PRESULT_A
0x24
1
R
0
Parity result of Group3 protected registers (A)
PRESULT_B
0x25
1
R
0
Parity result of Group3 protected registers (B)
RSVD
0x26–0x2f
–
–
–
Reserved for future use
ADC_CONTROL
0x30
2
R/W
0
ADC measurement control
IO_CONTROL
0x31
2
R/W
0
I/O pin control
CB_CTRL
0x32
2
R/W
0
Controls the state of the cell-balancing outputs CBx
CB_TIME
0x33
2
R/W
0
Configures the CB control FETs maximum on time
ADC_CONVERT
0x34
2
R/W
0
ADC conversion start
RSVD
0x35–0x39
–
–
–
Reserved for future use
SHDW_CTRL
0x3a
2
R/W
0
Controls WRITE access to Group3 registers
ADDRESS_CONTROL
0x3b
2
R/W
0
Address register
RESET
0x3c
2
W
0
RESET control register
TEST_SELECT
0x3d
2
R/W
0
Test mode selection register
RSVD
0x3e
–
–
–
Reserved for future use
E_EN
0x3f
2
R/W
0
EPROM programming mode enable
FUNCTION_CONFIG
0x40
3
R/W
EPROM
Default configuration of device
IO_CONFIG
0x41
3
R/W
EPROM
I/O pin configuration
CONFIG_COV
0x42
3
R/W
EPROM
Overvoltage set point
CONFIG_COVT
0x43
3
R/W
EPROM
Overvoltage time-delay filter
CONFIG_CUV
0x44
3
R/W
EPROM
Undervoltage setpoint
CONFIG_CUVT
0x45
3
R/W
EPROM
Undervoltage time-delay filter
CONFIG_OT
0x46
3
R/W
EPROM
Overtemperature set point
CONFIG_OTT
0x47
3
R/W
EPROM
Overtemperature time-delay filter
USER1
0x48
3
R
EPROM
User data register 1, not used by device
USER2
0x49
3
R
EPROM
User data register 2, not used by device
USER3
0x4a
3
R
EPROM
User data register 3, not used by device
USER4
0x4b
3
R
EPROM
User data register 4, not used by device
RSVD
0x4c–0xff
–
–
–
Reserved
(1)
Key: R = Read; W = Write
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com