Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 34 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 34 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 29Page - Richtek Technology Corporation RT9451 Datasheet HTML 30Page - Richtek Technology Corporation RT9451 Datasheet HTML 31Page - Richtek Technology Corporation RT9451 Datasheet HTML 32Page - Richtek Technology Corporation RT9451 Datasheet HTML 33Page - Richtek Technology Corporation RT9451 Datasheet HTML 34Page - Richtek Technology Corporation RT9451 Datasheet HTML 35Page - Richtek Technology Corporation RT9451 Datasheet HTML 36Page - Richtek Technology Corporation RT9451 Datasheet HTML 37Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
RT9451
34
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
2.9V < VBATS <
4.75V ?
Reset OPA_MODE bit
Boost Configure 2
VMID = 5.05V
Yes
2.5V < VBATS <
4.75V ?
Yes
VIN < 6V ?
No
OTG pin is
Active ?
Yes
Boost Configure 1
No
Charge Configure
(I
2
C is Programmable)
No
OPA = 1 & HZ = 0 ?
OTG Pin is Enabled ?
(By I
2C)
No
Yes
2.9V < VBATS <
4.75V ?
VMID = 5.05V
Yes
2.5V < VBATS <
4.75V ?
Yes
VIN < 6V ?
No
No
Overload <
32ms
Yes
Yes
Yes
Yes
No
Overload <
32ms
Any I
2
C ?
< 32s
Yes
Reset 32s
Yes
No
< 32s
Yes
Any I
2
C ?
Reset 32s
Yes
No
Clean I
2
C
No
No
No
No
No
No
Yes
Figure 8. OTG Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com