Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 7Page - Richtek Technology Corporation RT9451 Datasheet HTML 8Page - Richtek Technology Corporation RT9451 Datasheet HTML 9Page - Richtek Technology Corporation RT9451 Datasheet HTML 10Page - Richtek Technology Corporation RT9451 Datasheet HTML 11Page - Richtek Technology Corporation RT9451 Datasheet HTML 12Page - Richtek Technology Corporation RT9451 Datasheet HTML 13Page - Richtek Technology Corporation RT9451 Datasheet HTML 14Page - Richtek Technology Corporation RT9451 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
RT9451
11
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Charge Mode
Efficiency vs. Battery Voltage
60
65
70
75
80
85
90
95
100
3.4
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
Battery Voltage (V)
VIN = 5V
ICHRG = 1A
ICHRG = 1.4A
ICHRG = 1.8A
ICHRG = 2.2A
ICHRG = 2.6A
ICHRG = 3A
Efficiency vs. Battery Voltage
60
65
70
75
80
85
90
95
100
3.4
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
Battery Voltage (V)
VIN = 9V
ICHRG = 1A
ICHRG = 1.4A
ICHRG = 1.8A
ICHRG = 2.2A
ICHRG = 2.6A
ICHRG = 3A
Time (10ms/Div)
Adapter Insertion
LX
(10V/Div)
IIN
(200mA/Div)
VIN = 5V, VBAT = 3.7V
STAT
(2V/Div)
VIN
(5V/Div)
Time (5ms/Div)
Battery Removal
LX
(5V/Div)
ILX
(1A/Div)
VIN = 5V, VBAT = 3.7V, TERM_EN = 1
STAT
(2V/Div)
VBAT
(1V/Div)
Time (10ms/Div)
Bad Adapter
IIN
(20mA/Div)
INT
(5V/Div)
VIN = 5V/10mA, VBAT = 3.7V
VIN
(5V/Div)
Time (250
μs/Div)
Minimum Input Voltage Regulation
IIN
(1A/Div)
INT
(5V/Div)
VMIVR = 4.76V, VBAT = 3.7V
VIN
(2V/Div)
VIN = 5V/1A, ICHRG = 2A,
No AICR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com