Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9451 Datasheet HTML 1Page - Richtek Technology Corporation RT9451 Datasheet HTML 2Page - Richtek Technology Corporation RT9451 Datasheet HTML 3Page - Richtek Technology Corporation RT9451 Datasheet HTML 4Page - Richtek Technology Corporation RT9451 Datasheet HTML 5Page - Richtek Technology Corporation RT9451 Datasheet HTML 6Page - Richtek Technology Corporation RT9451 Datasheet HTML 7Page - Richtek Technology Corporation RT9451 Datasheet HTML 8Page - Richtek Technology Corporation RT9451 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
RT9451
3
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1 to 4
VIN
Power Input. Bypass to PGND with a 10
μF ceramic capacitor. It also provides
power to the load in boost mode.
5
INT
Interrupt Pin (Open-Drain). This pin is pulled low when a fault occurs.
6
VIO
I/O Reference Voltage. A VIO level above 0.6V disables automatic D+/D
−
detection.
7
DP
USB Port D+ Input Connection.
8
DM
USB Port D
− Input Connection.
9
SCL
I
2
C Interface Clock Input. Open-drain output, connect a 10k
Ω pull-up resistor.
10
SDA
I
2
C Interface Data Input. Open-drain output, connect a 10k
Ω pull-up resistor.
11
STAT
Charge Status Indicator. Pull low when charge is in progress. Open-drain for
other conditions. This pin can also be controlled through I
2
C register. The STAT
can be used to drive a LED or communicate with a host processor.
12
OTG
Boost Mode Enable Control. Boost mode is turned on whenever this pin is active.
Polarity is user defined through I
2
C register. The pin is disabled by default and
can be enabled through I
2
C register bit.
13
BATS
Auxiliary Power Supply. Connect to the battery pack to provide power in high
impedance mode. Bypass to GND with a 1
μF ceramic capacitor.
14
ISENL
Charge Current Sense Input. Battery current is sensed via the voltage drop
across an external sense resistor. A 0.1
μF ceramic capacitor to PGND is
required.
15
ISENR
Battery Voltage and Current Sense Input. Bypass to PGND with a ceramic
capacitor (minimum 0.1
μF) if there are long inductive leads to battery.
16
LDO
LDO Output. LDO is regulated to 4.9V and drives 60mA of current. Bypass LDO
to GND with a minimum 1
μF ceramic capacitor. LDO is enabled when VIN is
above the VIN UVLO threshold.
17
MID_LDO
LDO Input Voltage. Please connect to MID.
18
BOOT
Bootstrap Supply for High-Side Gate Driver. Connect a 100nF ceramic capacitor
(voltage rating above 10V) from BOOT pin to LX pin.
19
VDDP
Internal Bias Regulator Voltage for Driver. Connect a 1
μF ceramic capacitor from
this output to PGND. External loads on VDDP is not allowed.
20, 33
(Exposed Pad)
GND
Pure Ground. The exposed pad must be soldered to a large PCB and connected
to GND for maximum thermal dissipation.
21 to 25
PGND
Power Ground.
26 to 30
LX
Switch Node.
31, 32
MID
Connection Point Between Reverse Blocking MOSFET and High-Side MOSFET.
Bypass to PGND with a minimum of 10
μF capacitor. No other circuits are
recommended to connect at MID pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com