Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 29 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 29 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 25Page - Richtek Technology Corporation RT9451 Datasheet HTML 26Page - Richtek Technology Corporation RT9451 Datasheet HTML 27Page - Richtek Technology Corporation RT9451 Datasheet HTML 28Page - Richtek Technology Corporation RT9451 Datasheet HTML 29Page - Richtek Technology Corporation RT9451 Datasheet HTML 30Page - Richtek Technology Corporation RT9451 Datasheet HTML 31Page - Richtek Technology Corporation RT9451 Datasheet HTML 32Page - Richtek Technology Corporation RT9451 Datasheet HTML 33Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
RT9451
29
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Fast-Charge Mode and Settings
As the BATS pin rises above VPREC, the charger enters
fast-charge mode and the power MOSFETs starts
switching. Unlike the linear charger, the switching charger
is a current amplifier. The current drawn by the RT9451 is
different from the current into the battery. The user can
set the input current limit (IIN_LIMIT) and output charge
current (ICHRG) respectively. The real charging current is
determined by both IIN_LIMIT [1:0] and VICHRG [3:0].
Cycle-by-Cycle Current Limit
The charger of the RT9451 has an embedded cycle-by-
cycle current limit for inductor. Once the inductor current
touches the threshold (5.5A min.), the charger stops
charging immediately to prevent over current from damaging
the device. Notice that, the mechanism can not be disabled
by any way.
Low Current Charging (LOW_CHG)
The RT9451 has two charge current settings for the charge
current in fast-charge mode. One is LOW_CHG bit, the
other is VICHRG[3:0] bits. If LOW_CHG is set to
“1”,
the charge current is limited to 150mA (RSENSE = 20m
Ω).
If LOW_CHG is set to
“0”, the charge current is
determined by VICHRG[3:0] bits.
Charge Current (ICHRG)
The charge current into the battery is determined by the
sense resistor (RSENSE) and VICHRG [3:0] bits in the
register of address 0x01. The voltage between the ISENL
and ISENR pins is regulated to the voltage controlled by
VICHRG [3:0]. The charge current equals to the voltage
between the ISENL and ISENR pins (VICHRG) divided by
RSENSE :
ICHRG
CHRG
SENSE
V
I
=
R
For example, for a 20m
Ω sense resistor, the charge current
can be set from 1000mA (VICHRG [3:0] =
“0000”) to
4000mA (VICHRG [3:0] =
“1111”).
When input current limit and charge current are both set,
the charge current in fast charge phase is calculated as
below :
IN_LIMIT
ICHRG
CHRG
SENSE
I
V
I
= MIN
,
RD
η
⎡⎤
⎛⎞
×
⎢⎥
⎜⎟
⎝⎠
⎣⎦
where D is the duty cycle and
η is the efficiency.
Constant Voltage Mode and Settings
The RT9451 enters constant voltage mode when the BATS
voltage is close to the output-charge voltage (VOREG). Once
entering this mode, the charge current begins decreasing.
For default settings (charge current termination is disabled,
TERM_EN = 0), the RT9451 does not turn off and always
regulates the battery voltage at VOREG. However, once
the charge current termination is enabled, the charger
terminates if the charge current is below termination
current (VITERM [2:0] / RSENSE) in constant-voltage mode.
The charge current termination function is controlled by
TERM_EN bit in the register of address 0x01 via the I
2C
interface. After termination, a new charge cycle restarts
when one of the following conditions is detected :
The BATS pin voltage falls below the VOREG
−VRECH
threshold and CH_EN [1:0] = 11.
VIN Power On Reset (POR).
CH_EN [1:0] is set from
“0X” to “1X”.
Output Charge Voltage (VOREG)
The output-charge voltage is set by the VOREG [5:0] in
the register 0x02h. Its range is from 3.5V to 4.45V. The
default is 4V (011001).
Termination Current (IEOC)
If the charger current termination is enabled (TERM_EN
=
“1”), the end-of-charge current is determined by both
the termination current sense voltage (VITERM [2:0]) and
sense resistor (RSENSE). VITERM range is from 1mV to
8mV with the step of 1mV. The end-of-charge current is
calculated as below :
ITERM
EOC
SENSE
V
I
=
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com