Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 30 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 30 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 26Page - Richtek Technology Corporation RT9451 Datasheet HTML 27Page - Richtek Technology Corporation RT9451 Datasheet HTML 28Page - Richtek Technology Corporation RT9451 Datasheet HTML 29Page - Richtek Technology Corporation RT9451 Datasheet HTML 30Page - Richtek Technology Corporation RT9451 Datasheet HTML 31Page - Richtek Technology Corporation RT9451 Datasheet HTML 32Page - Richtek Technology Corporation RT9451 Datasheet HTML 33Page - Richtek Technology Corporation RT9451 Datasheet HTML 34Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
RT9451
30
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Recharge Behavior
There are two recharge behavior depending on
CH_EN [1:0] setting. If CH_EN [1:0] =
“11”, the RT9451
will recharge automatically once BATS falls below VOREG
−
VRECH threshold. If CH_EN [1:0] = “10”, the RT9451 will
not recharge automatically but set CHRECH flag and pull
low INT pin to notify the host the battery need to be
recharged.
Safety Timer in Charge Mode
To implement safety mechanism in charge mode, the
RT9451 has a 32-minute timer. At the beginning of a
charging operation, the RT9451 starts 32-minute timer
that can be reset by any write or read action performed by
the host through the I2C interface. Once 32-minute timer
is expired, the RT9451 enters to high impedance mode.
The I2C registers are all reset to default value and CH32M
bit is set to
“1” to prevent the charger against uncontrolled
charging when the dead lock of the host occurs.
During normal charging process, the host needs to reset
32-minute timer periodically.
Input Voltage Protection in Charge Mode
During charge mode, there are three protection
mechanisms against poor input power source and over-
voltage condition : bad adapter detection, sleep mode and
input over-voltage protection.
Bad Adapter Detection (CHBADI)
A mechanism is used to justify the power source capability
when power on at the VIN pin. When VIN rises above
VIN(MIN), a sink current of 30mA (typ.) is connected to VIN
pin to detection adaptor status. After the detection period
(30ms typ.), the sink current is removed. At the same
time, if VIN is still above VIN(MIN), the detection passes
and enters charge mode. If VIN is below VIN(MIN), the bad
adapter condition occurs. The RT9451 stops working, sets
CHBADI and repeats detection flow every 2 second (typ.).
Sleep Mode (VIN - VBATS < VSLP, CHRVPI)
The RT9451 enters sleep mode if the voltage drop between
the VIN and BATS pins falls below VSLP. In sleep mode,
the reverse blocking switch and PWM are all turned off.
This function prevents battery drain during poor or no input
power source.
Input Over-Voltage Protection (VINOVPI)
When VIN voltage raises above the input over-voltage
threshold (VOVP_IN), the RT9450 stops charging and then
sets fault status bits and sends out fault pulse via the
STAT pin. The condition is released when VIN falls below
VOVP_IN VOVP_IN. The RT9450 then resumes charging
operation.
Boost Mode Operation (OTG)
Trigger and Operation
The RT9451 features USB OTG support. There are two
trigger method : One is to set CH_EN [1:0] =
“01” (for
I2C control), the other is to set OTG_EN, OTG_PL and
OTG pin (for GPIO control). Notice that when using OTG
pin to trigger boost mode, it needs an edge trigger and
then keep it to the level defined by OTG_PL. When OTG
function is enabled, the synchronous Boost control loop
takes over the power MOSFETs and reverses the power
flow from the battery to the VIN pin. In normal boost mode,
the MID pin is regulated to the voltage level determined
by VOREG [5:0] whose range is from 4.75 and provides
up to 1.6A current to support other USB OTG devices
connected to the USB connector.
Safety Timer in Boost Mode (BST32SI)
Initially, the RT9451 starts a 32-second timer that can be
reset by any write or read action performed by the host
through the I2C interface. Once 32-second timer is expired,
the RT9451 enters to high impedance mode, the I2C
registers are all reset to default value and BST32S bit is
set to
“1” to prevent the charger against uncontrolled
discharging when the dead lock of the host occurs.
During normal discharging process, the host needs to
reset 32-second timer periodically.
Output Over-Voltage Protection (VIN pin,
BSTVINOVI)
In boost mode, the output over-voltage protection is
triggered when the VIN voltage is above the output OVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com