Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 15Page - Richtek Technology Corporation RT9451 Datasheet HTML 16Page - Richtek Technology Corporation RT9451 Datasheet HTML 17Page - Richtek Technology Corporation RT9451 Datasheet HTML 18Page - Richtek Technology Corporation RT9451 Datasheet HTML 19Page - Richtek Technology Corporation RT9451 Datasheet HTML 20Page - Richtek Technology Corporation RT9451 Datasheet HTML 21Page - Richtek Technology Corporation RT9451 Datasheet HTML 22Page - Richtek Technology Corporation RT9451 Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
RT9451
19
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Charger CONFIG Register B (CONFIG_B)
Address - 0x02h
Data Bit
D7
D6
D5
D4
D3
D2
D1
D0
Field Name
AICR [1:0]
VOREG [5:0]
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
0
0
0
1
1
0
0
1
Field Name
Bit Definition
(1)
AICR [1:0]
Input current limit setting
00 – 100mA
01 – 500mA
11 – No input current limit
VOREG [5:0]
Battery regulation voltage / boost output voltage
00 0000 – 3.50V / 4.425V
00 0001 – 3.52V / 4.448V
00 0011 – 3.56V / 4.471V
...
01 1000 – 3.98V / 4.977V
01 1001 – 4.00V / 5V
01 1010 – 4.02V / 5.023V
...
10 1111 – 4.44V / 5.506V
...
11 1111 – 4.44V / 5.506V
(1) During charging the lower value of VMCHRG [3:0] (CONFIG_D register) and VICHRG [5:0] applies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com