Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 9Page - Richtek Technology Corporation RT9451 Datasheet HTML 10Page - Richtek Technology Corporation RT9451 Datasheet HTML 11Page - Richtek Technology Corporation RT9451 Datasheet HTML 12Page - Richtek Technology Corporation RT9451 Datasheet HTML 13Page - Richtek Technology Corporation RT9451 Datasheet HTML 14Page - Richtek Technology Corporation RT9451 Datasheet HTML 15Page - Richtek Technology Corporation RT9451 Datasheet HTML 16Page - Richtek Technology Corporation RT9451 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
RT9451
13
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Boost Mode
Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800 1000 1200 1400 1600 1800
Load Current (mA)
VIN = 5V
VBAT = 3.4V
VBAT = 3.6V
VBAT = 3.8V
VBAT = 4V
VBAT = 4.2V
Line Regulation
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
Battery Voltage (V)
VIN = 5V
ILOAD = 0.1A
ILOAD = 0.4A
ILOAD = 0.7A
ILOAD = 1A
ILOAD = 1.3A
ILOAD = 1.6A
Load Regulation
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
0
200
400
600
800 1000 1200 1400 1600 1800
Load Current (mA)
VIN = 5V
VBAT = 3.4V
VBAT = 3.6V
VBAT = 3.8V
VBAT = 4V
VBAT = 4.2V
Time (5ms/Div)
Battery Under-Voltage Protection
ILX
(1A/Div)
VBAT
(2V/Div)
INT
(2V/Div)
VIN
(5V/Div)
VIN = 5V, ILOAD = 500mA
Time (25
μs/Div)
VIN Over-Voltage Protection
ILX
(1A/Div)
INT
(5V/Div)
VIN
(5V/Div)
VIN = 5V, ILOAD = 0.5A, VBAT = 3.7V
Time (250
μs/Div)
Load Transient Response
ILOAD
(500mA/Div)
VIN_ac
(100mV/Div)
ILOAD = 0.2A to 1A (30mA/
μs)
VIN = 5V, VBAT = 3.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com