Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 24Page - Richtek Technology Corporation RT9451 Datasheet HTML 25Page - Richtek Technology Corporation RT9451 Datasheet HTML 26Page - Richtek Technology Corporation RT9451 Datasheet HTML 27Page - Richtek Technology Corporation RT9451 Datasheet HTML 28Page - Richtek Technology Corporation RT9451 Datasheet HTML 29Page - Richtek Technology Corporation RT9451 Datasheet HTML 30Page - Richtek Technology Corporation RT9451 Datasheet HTML 31Page - Richtek Technology Corporation RT9451 Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
RT9451
28
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Charge Mode Operation
Minimum Input Voltage Regulation (MIVR)
The RT9451 features input voltage MIVR function to prevent
input voltage drop due to insufficient current provided by
the adaptor or USB input. If MIVR function is enabled, the
input voltage decreases when the over current of the input
power source occurs and is regulated at a predetermined
voltage level which can be set from 4.20V to 4.76V with
the step of 80mV by I2C interface to MIVR [2:0] in the
register of address 0X03. The INT pin is pulled low to notify
the host and the CHMIVR bit is set to high. At this time,
the current drawn by the RT9451 equals to the maximum
current value that the input power can provide at the
predetermined voltage level, instead of the set value. And
CHMIVR bit is set to
“1” and INT pin is pulled low to
notify the host. The MIVR function is initially set to 4.36V.
Figure 1
USB Power Source Detection (DPDM Detection)
An USB charger detection mechanism is integrated in
RT9451 to detect between dedicated charger or not. The
detection is triggered by VIN power on or DPDN_EN bit in
the register address of 0x00h. The DPDN_EN bit is
automatically reset to
“0” after it is triggered. The DPDM
detection status and result are reported in DPDM_D
DPDM_R bits in the register address of 0x07h. The result
is set to 975mA for dedicated charger (DP and DM pins
short together) or 500mA for others. The detection
mechanism can be disable by pulling VIO pin high.
Active Input Current Regulation (AICR)
The AICR setting is determined by both AICR [1:0] in
register 0x02h, DPDM_R bit in register 0x07h and LMTSEL
bit in register 0x01h. If LMTSEL bit is set to
“0”, the valid
current limit is the maximum value of AICR [1:0] and
DPDM_R result. If LMTSEL bit is set to
“1”, the AICR
[1:0] dominates and DPDM_R result is ignored. For the
latter, the input current limit of
“00”, “01” and “10” in
AICR [1:0] corresponds to 100mA, 500mA and 975mA
respectively. If the application does not need input current
limit, write
“11” into the AICR [1:0].
Charge Profile
The RT9451 provides a precision Li-ion or Li-polymer
charging solution for single-cell applications. Input current
limit, charge current, termination current, charge voltage
and input voltage MIVR are all programmable via the I2C
interface. In charge mode, the RT9451 has five control
loops to regulate input current, charge current, charge
voltage, input voltage MIVR and device junction
temperature. During the charging process, all five loops
are enabled and the dominant one will take over the control.
For normal charging process, the Li-ion or Li-polymer
battery is charged in three charging modes depending on
the battery voltage. At the beginning of the charging
process, the RT9451 is in pre-charge mode. When the
battery voltage rises above pre-charge threshold voltage
(VPREC), the RT9451 enters fast-charge mode. Once the
battery voltage is close to the regulation voltage (VOREG),
the RT9451 enters constant voltage mode.
Pre-Charge Mode
For life-cycle consideration, the battery can not be charged
with large current under low battery condition. When the
BATS pin voltage is below pre-charge threshold voltage
(VPREC), the charger is in pre-charge mode with a weak
charge current which equals to the pre-charge current
(IPREC). In pre-charge mode, the charger basically works
as an LDO. The pre-charge current also acts as the current
limit when the BATS pin is shorted.
VIN
IIN
Expected IIN
VIN MIVR
Final IIN
set charge current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com