Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 35 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 35 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 29Page - Richtek Technology Corporation RT9451 Datasheet HTML 30Page - Richtek Technology Corporation RT9451 Datasheet HTML 31Page - Richtek Technology Corporation RT9451 Datasheet HTML 32Page - Richtek Technology Corporation RT9451 Datasheet HTML 33Page - Richtek Technology Corporation RT9451 Datasheet HTML 34Page - Richtek Technology Corporation RT9451 Datasheet HTML 35Page - Richtek Technology Corporation RT9451 Datasheet HTML 36Page - Richtek Technology Corporation RT9451 Datasheet HTML 37Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
RT9451
35
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 9. Operation Flow Chart
Any State
OTG_EN = 1?
OTG Pin from High to Low
@ OTG_PL = 0? or
OTG Pin from Low to High
@ OTG_PL = 1?
OTG Mode
OTG Pin=High @ OTG_PL = 0? or
OTG Pin=Low @ OTG_PL = 1?
VIN > VPOR_IN?
Power On
Load I
2
C with Default
Settings
VBATS > VSHORT?
Charge with ISHORT
Fast-Charge with Low-
CHRG
ICHRG < IEOC?
Termination is
Enabled?
Keep in CV Mode
Charge Done
------------------------
INT of Charge
Termination
Re-Charge is
Enabled?
VBATS < VRECH?
INT of Re-Charge
32 Min Timer
Expired?
32 Min Timer
Expired?
INT of TFault
Fault in Buck Mode
(1) OVP
(2) CHRVPI
(3) TFault
(4) CVOVP
OTG Mode
CH_EN[1:0] = [0,1]?
Fault?
---------------------------------
VINOVP, VOCP, VBATUVP,
VBATOVP, T32s Fault
Set to Hi-Z Mode
--------------------------
CH_EN[1:0] = [0,0]
No
No
No
No
No
No
No
No
No
No
Yes
No
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
No
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com