Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 12Page - Richtek Technology Corporation RT9451 Datasheet HTML 13Page - Richtek Technology Corporation RT9451 Datasheet HTML 14Page - Richtek Technology Corporation RT9451 Datasheet HTML 15Page - Richtek Technology Corporation RT9451 Datasheet HTML 16Page - Richtek Technology Corporation RT9451 Datasheet HTML 17Page - Richtek Technology Corporation RT9451 Datasheet HTML 18Page - Richtek Technology Corporation RT9451 Datasheet HTML 19Page - Richtek Technology Corporation RT9451 Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
RT9451
16
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
I2C Information
Slave Address : 1001010
Register
Address (Hex)
Name
Default Value
Description
0
0
CONTROL
0000 1010
Enable control register
1
1
CONFIG_A
0000 0001
Charger current register
2
2
CONFIG_B
0001 1001
Charger voltage register
3
3
CONFIG_C
0000 0010
Special charger settings
4
4
CONFIG_D
0100 0000
Charger safety limits settings
6
6
STATUS_A
0000 0000
Status register A
7
7
STATUS_B
0000 0001
Status register B
8
8
INT1
0000 0000
Interrupt bits
9
9
INT2
0000 0000
Interrupt bits (charger)
10
0A
INT3
0000 0000
Interrupt bits (boost)
11
0B
MASK1
0000 0000
Interrupt masking bits
12
0C
MASK2
0000 0000
Interrupt masking bits
13
0D
MASK3
0000 0000
Interrupt masking bits
14
0E
CHIPID
0000 0001
Chip ID register
Table 1. Register Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com