Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 19Page - Richtek Technology Corporation RT9451 Datasheet HTML 20Page - Richtek Technology Corporation RT9451 Datasheet HTML 21Page - Richtek Technology Corporation RT9451 Datasheet HTML 22Page - Richtek Technology Corporation RT9451 Datasheet HTML 23Page - Richtek Technology Corporation RT9451 Datasheet HTML 24Page - Richtek Technology Corporation RT9451 Datasheet HTML 25Page - Richtek Technology Corporation RT9451 Datasheet HTML 26Page - Richtek Technology Corporation RT9451 Datasheet HTML 27Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
RT9451
23
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
STATUS Register B (STATUS_B)
Address - 0x07h
Data Bit
D7
D6
D5
D4
D3
D2
D1
D0
Field Name
RESET
Not used
Not used
Not used
Not used
DPDM_D
DPDM_R
OTG
Read/Write
W
R
R
R
R
R
R
R
Reset Value
0
0
0
0
0
0
0
1
Field Name
Bit Definition
(1)
RESET
Reset
0 – No effect
1 – Reset all parameters to default values
Note : Read always returns “0”
Not used
N/A
Not used
N/A
Not used
N/A
Not used
N/A
DPDM_D
D+/D
− detection done bit
0 – DPDM detection in progress or not started after initial power up reset
1 – DPDM detection is complete
DPDM_R
D+D
− detection result
0 – Standard USB port (500mA current limit)
1 – USB charger (975mA current limit)
OTG
OTG pin status
0 – OTG pin at low level
1 – OTG pin at high level
(1) Default values reflect state after Power On Reset, no charger plugged in, no faults present, OTG pin high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com