Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 2Page - Richtek Technology Corporation RT9451 Datasheet HTML 3Page - Richtek Technology Corporation RT9451 Datasheet HTML 4Page - Richtek Technology Corporation RT9451 Datasheet HTML 5Page - Richtek Technology Corporation RT9451 Datasheet HTML 6Page - Richtek Technology Corporation RT9451 Datasheet HTML 7Page - Richtek Technology Corporation RT9451 Datasheet HTML 8Page - Richtek Technology Corporation RT9451 Datasheet HTML 9Page - Richtek Technology Corporation RT9451 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
RT9451
6
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Current Regulation Fast Charge
VSHORT ≤ VBATS < VOREG
VIN > 5V, RSENSE = 20mΩ,
LOW_CHG = 0, Programmable
1000
--
4000
Output Charge Current
ICHRG
VBATS < VOREG, VIN > 5V,
RSENSE = 20mΩ, LOW_CHG = 1
--
150
--
mA
Charge Termination Detection
Termination Charge Current
IEOC
VBATS > VOREG − VRECH, VIN > 5V,
RSENSE = 20mΩ, Programmable
50
--
400
mA
Deglitch Time for Charge
Termination
Both Rising and Falling, 2mV
Overdrive, tRISE, tFALL = 100ns
--
43
--
μs
Charge Current Accuracy
Offset Voltage, Sense Voltage
Amplifier
VSHORT ≤ VBATS < VOREG
VIN > 5V, RSENSE = 20mΩ,
LOW_CHG = 0, Programmable
−1
--
1
mV
BAD Adaptor Detection
Input Voltage Lower Limit
VIN(MIN)
Bad adaptor detection, VIN falling
3.5
3.7
3.9
V
Deglitch Time for VIN Rising
above VIN(MIN)
Rising voltage, 2mV over drive,
tRISE = 100ns
--
30
--
ms
Hysteresis for VIN(MIN)
ΔVIN(MIN) VIN Rising
100
--
200
mV
Current Source to GND
During bad adaptor detection
20
30
40
mA
Detection Interval
TINT
Input power source detection
--
2
--
s
Minimum Input Voltage Regulation
Minimum Input Voltage
Regulation Threshold
VMIVR
Charge Mode, Programmable
4.2
--
4.76
V
VMIVR Accuracy
−2
--
2
%
Active Input Current Regulation
AICR = 100mA
80
90
100
AICR
AICR = 500mA
400
450
500
mA
VDDP Regulator
Internal Bias Regulator Voltage
VDDP
VIN > VIN(min) or VBATS > VBATMIN,
IVDDP = 1mA, CVDDP = 1μF
2
--
6
V
VDDP Output Short Current Limit
--
60
--
mA
Voltage from BOOT to LX Pin
During charge or boost operation
--
--
6
V
Battery Recharge Threshold
Recharge Threshold Voltage
VRECH
Below VOREG
100
130
160
mV
Deglitch Time
VBATS decreasing below threshold,
tFALL = 100ns, 10mV overdrive
--
130
--
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com