Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 31 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 31 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 27Page - Richtek Technology Corporation RT9451 Datasheet HTML 28Page - Richtek Technology Corporation RT9451 Datasheet HTML 29Page - Richtek Technology Corporation RT9451 Datasheet HTML 30Page - Richtek Technology Corporation RT9451 Datasheet HTML 31Page - Richtek Technology Corporation RT9451 Datasheet HTML 32Page - Richtek Technology Corporation RT9451 Datasheet HTML 33Page - Richtek Technology Corporation RT9451 Datasheet HTML 34Page - Richtek Technology Corporation RT9451 Datasheet HTML 35Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
RT9451
31
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
threshold (6V typ.). When OVP occurs, the RT9451 stop
switching then enters high impedance mode.
Output Overload Protection (BSTOL)
The RT9451 provides an overload protection to prevent
the device and battery from damage when VIN is in
overload. Once the inductor current reaches cycle-by-cycle
current limit, the reverse blocking switch operates in linear
region to limit the output current while the MID voltage
remains in voltage regulation. If the overload condition lasts
for more than 30ms, the RT9451 determines the overload
fault condition and resets registers to the default settings.
Status Output (STAT pin)
The STAT pin is used to indicate operating conditions of
the RT9451 and is enabled by writing
“00” to the
EN_STAT [1:0] in the register of address 0x00. When
charging is in progress, the STAT pin is pulled low. In
other conditions, the STAT pin acts as a high impedance
output. The STAT pin can also be always pulled low or
high impedance by writing
“01” and “10” respectively.
Battery Protection
Battery Over-Voltage Protection in Charge Mode
(CHBATOVI)
The RT9451 monitors BATS voltage for output over-voltage
protection. In charge mode, if the BATS voltage rises above
VOVP_BAT x VOREG, for example, when the battery is
suddenly removed, the RT9450A stops charging and then
sets fault status bits and pull low INT pin. The condition is
released when BATS falls below (VOVP_BAT
− ΔVOVP_BAT) x
VOVP_BAT. The RT9451 then resumes charging process
with default settings and the fault is cleared.
Battery Over/Under-Voltage Protection in Boost
Mode (BSTBATOVI, BSTLOWVI)
In boost mode, if the BATS voltage rises above the BATS
maximum input voltage (4.75V typ.) or below BATS
minimum input voltage (2.5V typ. for operating, 3V typ.
for start), battery over/under-voltage protection is triggered.
The RT9451 stops switching, and then enters high
impedance mode.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
WQFN-32L 4x4 package, the thermal resistance,
θJA, is
27.8
°C/W on a standard JEDEC 51-7 four-layer thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (27.8°C/W) = 3.59W for
WQFN-32L 4x4 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 2 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
Figure 2. Derating Curve of Maximum Power Dissipation
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com