Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9451 Datasheet HTML 1Page - Richtek Technology Corporation RT9451 Datasheet HTML 2Page - Richtek Technology Corporation RT9451 Datasheet HTML 3Page - Richtek Technology Corporation RT9451 Datasheet HTML 4Page - Richtek Technology Corporation RT9451 Datasheet HTML 5Page - Richtek Technology Corporation RT9451 Datasheet HTML 6Page - Richtek Technology Corporation RT9451 Datasheet HTML 7Page - Richtek Technology Corporation RT9451 Datasheet HTML 8Page - Richtek Technology Corporation RT9451 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
RT9451
®
DS9451-00
September 2013
www.richtek.com
1
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
General Description
The RT9451 integrates a high efficiency USB friendly switch
mode charger with On-The-Go (OTG) support for single
cell Li-ion and Li-polymer batteries, D+D
− detection, and
a 50mA LDO regulator into a single chip.
The charger features a synchronous 375kHz PWM
controller with integrated power MOSFETs, input current
sensing and regulation, Minimum Input Voltage Regulation
(MIVR), high accuracy charge current and voltage
regulation, and charge termination. It charges the battery
in three phases : low current pre-charge, constant current
fast charge, and constant voltage trickle charge. The input
current is automatically limited to the value set by the
host. The charger can be configured to terminate charge
based on user-selectable minimum current level and
automatically restart the charge cycle if the battery voltage
falls below the recharge threshold. A safety timer with
reset control provides a safety backup for I2C interface.
The charger automatically enters sleep mode or high
impedance mode when the input supply is removed. The
charge status is reported to the host using the I2C interface
and the STAT pin. The D+D
− detection circuit allows
automatic detection of a USB wall charger. If a wall charger
is detected, the input current limit will automatically
increase from 500mA to 975mA.
In OTG mode, the PWM controller boosts the battery
voltage to 5V and provides up to 1.6A of current to the
USB output. At very light load, the Boost operates in burst
mode to optimize efficiency. OTG mode can be enabled
either through I
2C interface or GPIO control.
Simplified Application Circuit
RT9451
+ Battery
BATS
LX
VIN
VIN
CIN
CSYSS
L
MID
CMID
GND
DP
VIO
DM
SDA
SCL
Control
Inputs
USB Charger
Detection
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Applications
Mobile Phones and Smart Phones
MP3 Players
Handheld Devices
RT9451
Package Type
QW : WQFN-32L 4x4 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9451

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9451GQW RICHTEK-RT9451GQW Datasheet
319Kb / 37P
Switch-Mode Single Cell Li-ion Battery Charger
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
Switch-Mode Single Cell Li-ion Battery Charger
More results

Similar Description - RT9451

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Texas Instruments
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
Single-Cell Switched-Mode Li-Ion Battery Charger
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
Switch-Mode Single Cell Li-ion Battery Charger
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
Switch-Mode Single Cell Li-Ion Battery Charger
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
Switch-Mode Single Cell Li-Ion Charger
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com