Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9451 Datasheet HTML 1Page - Richtek Technology Corporation RT9451 Datasheet HTML 2Page - Richtek Technology Corporation RT9451 Datasheet HTML 3Page - Richtek Technology Corporation RT9451 Datasheet HTML 4Page - Richtek Technology Corporation RT9451 Datasheet HTML 5Page - Richtek Technology Corporation RT9451 Datasheet HTML 6Page - Richtek Technology Corporation RT9451 Datasheet HTML 7Page - Richtek Technology Corporation RT9451 Datasheet HTML 8Page - Richtek Technology Corporation RT9451 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
RT9451
4
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Operation
The RT9451 is designed for single cell Li-Ion battery charger
in portable applications.
Base Circuits
Base circuits provide the internal power, VDD and reference
voltage and bias current.
Protection Circuits
The protection circuits include the OVP, UVLO and OTP
circuits. The protection circuits turn off the charging when
the input power or die temperature is in abnormal level.
Switching Charger
The switching charger controls the operation during the
charging process. The controller will make sure the battery
is well charged in a suitable current, voltage, and die
temperature.
Logic Circuits
The STAT and INT indicate the charger and interrupt
condition. During the charging process, the STAT pin is
pulled low and pulled high when the charger is under
abnormal condition or charge done. The INT pin indicates
the fault condition. When any fault occurs, the INT is pulled
low.
LDO
The RT9451 provides a 50mA LDO to support the peripheral
circuits. The output voltage is regulated to 4.9V and the
maximum output current is 120mA.
OSC
The oscillator runs at fixed 375kHz frequency for the PWM
control of switching charger.
I
2C Interface
The I
2C interface is used to program battery voltage, charge
current, termination current, MIVR level, and OTG voltage.
D+/D
−−−−− Detection
The D+/D
− detection can detect the devices which are
inserted to the USB connector.
D+/D-
Detection
Switching
Charger
LDO
BASE
OSC
Protection
Logic
I
2
C
Interface
VREF
IBIAS
VDDP
ISENL
BATS
ISENR
PGND
STAT
LX
LDO
VIN
DP
VIO
SDA
DM
SCL
MID
OTG
INT
MID_LDO
GND
BOOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com