Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 27 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 27 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 23Page - Richtek Technology Corporation RT9451 Datasheet HTML 24Page - Richtek Technology Corporation RT9451 Datasheet HTML 25Page - Richtek Technology Corporation RT9451 Datasheet HTML 26Page - Richtek Technology Corporation RT9451 Datasheet HTML 27Page - Richtek Technology Corporation RT9451 Datasheet HTML 28Page - Richtek Technology Corporation RT9451 Datasheet HTML 29Page - Richtek Technology Corporation RT9451 Datasheet HTML 30Page - Richtek Technology Corporation RT9451 Datasheet HTML 31Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
RT9451
27
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Interrupt MASK Register 3 (MASK3)
Address - 0x0Dh
Data Bit
D7
D6
D5
D4
D3
D2
D1
D0
Field Name
BSTVINOVM
BSTOLM
BSTLOWVM
BSTBATOVM
BST32SM
Not
used
Not
used
Not
used
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
0
0
0
0
Field Name
Bit Definition
(1)
BSTVINOVM
Boost VIN over voltage interrupt mask
0 – Interrupt not masked
1 – Interrupt masked
BSTOLM
Boost over load interrupt mask
0 – Interrupt not masked
1 – Interrupt masked
BSTLOWVM
Boost low battery voltage interrupt mask
0 – Interrupt not masked
1 – Interrupt masked
BSTBATOVM
Boost battery over voltage interrupt mask
0 – Interrupt not masked
1 – Interrupt masked
BST32SM
Boost 32s time out interrupt mask
0 – Interrupt not masked
1 – Interrupt masked
Not used
N/A
Not used
N/A
Not used
N/A
(1) Setting any of the interrupt mask bits does not disable protection circuits. When set, the respective fault will not be
signaled on the INT pin.
CHIP ID Register (CHIPID)
Address - 0x0Eh
Data Bit
D7
D6
D5
D4
D3
D2
D1
D0
Field Name
VENDOR_ID [3:0]
CHIP_REV [3:0]
Read/Write
R
R
R
R
R
R
R
R
Reset Value
0
0
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com