Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9451 Datasheet HTML 1Page - Richtek Technology Corporation RT9451 Datasheet HTML 2Page - Richtek Technology Corporation RT9451 Datasheet HTML 3Page - Richtek Technology Corporation RT9451 Datasheet HTML 4Page - Richtek Technology Corporation RT9451 Datasheet HTML 5Page - Richtek Technology Corporation RT9451 Datasheet HTML 6Page - Richtek Technology Corporation RT9451 Datasheet HTML 7Page - Richtek Technology Corporation RT9451 Datasheet HTML 8Page - Richtek Technology Corporation RT9451 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
RT9451
2
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Configurations
WQFN-32L 4x4
(TOP VIEW)
VIN
VIN
VIN
VIN
PGND
PGND
PGND
PGND
VIO
INT
VDDP
GND
DP
BOOT
DM
MID_LDO
33
24
23
22
21
1
2
3
4
10 11 12 13
31 30 29 28
20
19
5
6
9
32
14
27
18
7
15
26
16
25
17
8
GND
Features
Integrated Switching Charger and 50mA LDO in a
Single Package
Charges Faster Than Linear Chargers
High Accuracy Voltage and Current Regulation
Charge Voltage Regulation Accuracy :
±±±±±1%
Charge Current Regulation Accuracy :
±±±±±5%
Minimum Input Voltage Regulation : 4.2V to 4.76V
with Step of 80mV
Bad Adaptor Detection and Rejection
Safety Limit Register for Maximum Charge Voltage
and Current Limiting
High Efficiency Mini-USB/AC Battery Charger for
Single Cell Li-Ion and Li-Polymer Battery Packs
28V Absolute Maximum Input Voltage Rating
12V Maximum Operating Input Voltage
Built-In Input Current Sensing and Limiting
Integrated Power FETs for Up to 4A Charge Rate
Programmable Charge Parameters through I2C
Interface (up to 400 Kbps) :
Input Current
Fast Charge/Termination Current
Charge Voltage (3.5V to 4.44V)
Safety Timer
Termination Enable
Synchronous Fixed Frequency PWM Controller
Operating at 375kHz With 0% to 99% Duty Cycle
Automatic High Impedance Mode for Low Power
Consumption
Safety Timer with Reset Control
Thermal Regulation and Protection
Input/Output Over-Voltage Protections
Status Output for Charging and Faults
USB Friendly Boot-Up Sequence
Automatic Charging
Boost Mode Operation for USB OTG
Input Voltage Range (BATS) : 2.5V to 4.5V
Output Voltage for VIN : 4.425V to 5.506V
RoHS Compliant and Halogen Free
Marking Information
0Q=YM
DNN
0Q= : Product Code
YMDNN : Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com