Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9451 Datasheet HTML 1Page - Richtek Technology Corporation RT9451 Datasheet HTML 2Page - Richtek Technology Corporation RT9451 Datasheet HTML 3Page - Richtek Technology Corporation RT9451 Datasheet HTML 4Page - Richtek Technology Corporation RT9451 Datasheet HTML 5Page - Richtek Technology Corporation RT9451 Datasheet HTML 6Page - Richtek Technology Corporation RT9451 Datasheet HTML 7Page - Richtek Technology Corporation RT9451 Datasheet HTML 8Page - Richtek Technology Corporation RT9451 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
RT9451
5
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Currents
Battery Discharge
Current in High
Impedance Mode
(ISENL, ISENR, LX,
BATS Pins)
IDISCHARGE VBATS = 4.2 V
High Impedance Mode,
SDA = SCL = 0
--
2
30
μA
Charger PWM ON
--
10000
--
VIN Supply Current
IQ
VIN > VIN(MIN)
Charger PWM OFF
--
--
5000
μA
Voltage Regulation
Output Charge Voltage VOREG
Operating in voltage regulation,
programmable
3.5
--
4.44
V
Voltage Regulation
Accuracy
0 to 85°C
−1
--
1
%
Recommended Operating Conditions
(Note 4)
Supply Input Voltage Range, VIN --------------------------------------------------------------------------------------- 4.3V to 12V
Junction Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Voltage VIN --------------------------------------------------------------------------------------------------------
−0.3V to 28V
MID, BOOT to PGND ------------------------------------------------------------------------------------------------------
−0.3V to 28V
Other Pins --------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
VISENL to VISENR ------------------------------------------------------------------------------------------------------------
±6V
Output Current (average) LX --------------------------------------------------------------------------------------------- 4A
Output Current (continuous) LDO -------------------------------------------------------------------------------------- 100mA
Power Dissipation, PD @ TA = 25
°C
WQFN-32L 4x4 ------------------------------------------------------------------------------------------------------------- 3.59W
Package Thermal Resistance (Note 2)
WQFN-32L 4x4,
θJA -------------------------------------------------------------------------------------------------------- 27.8°C/W
WQFN-32L 4x4,
θJC ------------------------------------------------------------------------------------------------------- 7°C/W
Junction Temperature ------------------------------------------------------------------------------------------------------ 150
°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ------------------------------------------------------------------------------------------------------ 200V
(VBATS = 3.6V
± 5%, TA = 25°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com