Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 11Page - Richtek Technology Corporation RT9451 Datasheet HTML 12Page - Richtek Technology Corporation RT9451 Datasheet HTML 13Page - Richtek Technology Corporation RT9451 Datasheet HTML 14Page - Richtek Technology Corporation RT9451 Datasheet HTML 15Page - Richtek Technology Corporation RT9451 Datasheet HTML 16Page - Richtek Technology Corporation RT9451 Datasheet HTML 17Page - Richtek Technology Corporation RT9451 Datasheet HTML 18Page - Richtek Technology Corporation RT9451 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
RT9451
15
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT9451 is an integrated solution of single-cell Li-ion
and Li-polymer battery charger for portable applications.
The part integrates a synchronous PWM controller with
power MOSFETs to provide MIVR (Minimum Input Voltage
Regulation), input current sensing, high accuracy current
and voltage regulation, and charge termination in a small
package for space limited devices. The part also features
USB OTG(On-The-Go) function and USB charger detection
(DPDM detection) function.
The RT9451 provides three operation modes : charge
mode, boost mode (USB OTG), and high impedance mode.
In charge mode, the RT9451 supports a precision charging
system for single cell. In boost mode, the RT9451 works
as a Boost converter and boosts the voltage from battery
to VIN pin for sourcing the OTG devices. In high impedance
mode, the RT9451 stops charging or boosting and
operates in a mode with low quiescent current from VIN or
battery to reduce the power consumption when the
portable device is in standby mode.
In charge mode, the RT9451 integrates USB charger
detection for input current limit of 500mA and 1A. The
detection is automatically triggered after each POR. The
detection result can be ignored by the host via I2C interface.
The slave address for the RT9451 is
“1001010”.
I2C Interface Timing Diagram
The RT9451 acts as an I2C -bus slave. The I2C-bus master
configures the settings for charge mode and boost mode
by sending command bytes to the RT9451 via the 2-wire
I2C-bus. After the START condition, the I2C master sends
a chip address. This address is seven bits long followed
by an eighth bit which is a data direction bit (R/W). The
second byte selects the register to which the data will be
written. The third byte contains data to the selected
register.
S = Start Condition
W = Write (SDA =
“0”)
R = Read (SDA =
“1”)
ACK = Acknowledge
P = Stop Condition
B7
123
4
56
7891
2
B6
B2
B1
B0
34
567
8
91
2345
678
9
C5
C4
C3
C2
C1
C0
W ACK
ACK
S
P
0B4
ACK
SCL
SDA
A0
A1
A2
A3
A4
A5
A6
B5
C7
C6
B3
Start
1
0
0
1
0
1
0 R/W
B7 B6 B5 B4 B3 B2 B1 B0
C7 C6 C5 C4 C3 C2 C1 C0
Stop
The 2nd Byte
(Data Address, Data)
The 3rd Byte (Data)
The 1st Byte
(Slave Address, R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com