Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 17Page - Richtek Technology Corporation RT9451 Datasheet HTML 18Page - Richtek Technology Corporation RT9451 Datasheet HTML 19Page - Richtek Technology Corporation RT9451 Datasheet HTML 20Page - Richtek Technology Corporation RT9451 Datasheet HTML 21Page - Richtek Technology Corporation RT9451 Datasheet HTML 22Page - Richtek Technology Corporation RT9451 Datasheet HTML 23Page - Richtek Technology Corporation RT9451 Datasheet HTML 24Page - Richtek Technology Corporation RT9451 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
RT9451
21
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Charger CONFIG Register D (CONFIG_D)
Address - 0x04h
Data Bit
D7
D6
D5
D4
D3
D2
D1
D0
Field Name
VMCHRG [3:0]
VMREG [3:0]
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
0
1
0
0
0
0
0
0
Field Name
Bit Definition
(1)
VMCHRG [3:0]
Maximum charge current sense voltage (current equivalent for 20m
Ω shunt)
0000 – 20mV (1000mA)
0001 – 24mV (1200mA)
0010 – 28mV (1400mA)
0011 – 32mV (1600mA)
0100 – 36mV (1800mA)
0101 – 40mV (2000mA)
0110 – 44mV (2200mA)
0111 – 48mV (2400mA)
1000 – 52mV (2600mA)
1001 – 56mV (2800mA)
1010 – 60mV (3000mA)
1011 – 64mV (3200mA)
1100 – 68mV (3400mA)
1101 – 72mV (3600mA)
1110 – 76mV (3800mA)
1111 – 80mV (4000mA)
VMREG [3:0]
Maximum Battery Regulation Voltage / Maximum OTG Regulation Voltage
0000 – 4.20V / 5.230V
0001 – 4.22V / 5.253V
0010 – 4.24V / 5.276V
…
1100 – 4.44V / 5.506V
...
1111 – 4.44V / 5.506V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com