Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9451 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 6Page - Richtek Technology Corporation RT9451 Datasheet HTML 7Page - Richtek Technology Corporation RT9451 Datasheet HTML 8Page - Richtek Technology Corporation RT9451 Datasheet HTML 9Page - Richtek Technology Corporation RT9451 Datasheet HTML 10Page - Richtek Technology Corporation RT9451 Datasheet HTML 11Page - Richtek Technology Corporation RT9451 Datasheet HTML 12Page - Richtek Technology Corporation RT9451 Datasheet HTML 13Page - Richtek Technology Corporation RT9451 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
RT9451
10
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
RT9451
26 to 30
10µF
10µF
100nF
2.2µH
+ Battery
VDDP
ISENL
BATS
ISENR
STAT
LX
LDO
VIN
DP
VIO
BOOT
INT
18
System
20m
CSENL
14
15
13
VIN
10µF
1 to 4
16
19
VBAT
11
5
6
7
20, 33 (Exposed Pad)
CIN
1µF
CLDO
1µF
CVDDP
DM
8
RSTAT
RINT
0.1µF
CSENR
0.1µF
RSENSE
CSYS1
CSYS2
L
CBOOT
SDA
SCL
10
9
MID
10µF
31, 32
CMID
MID_LDO
1µF
17
CMID_LDO
OTG
12
PGND
GND
21 to 25
2.2µF
CBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com