Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 35Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 36Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 37Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 38Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 39Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 40Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 41Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 42Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-33-
Register Descriptions - Legacy I/O Ports
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Interrupt Controller Registers
Ports 20-21 - Master Interrupt Controller
The Master Interrupt Controller controls system interrupt
channels 0-7.
Two registers control the Master Interrupt
Controller. They are:
I/O Address Bits 15-0
Register Name
0000 0000 001x xxx0
Master Interrupt Control
RW
0000 0000 001x xxx1
Master Interrupt Mask
RW
Note that not all bits of the address are decoded.
The Master Interrupt Controller is compatible with the Intel
8259 Interrupt Controller chip. Detailed descriptions of 8259
Interrupt Controller operation can be obtained from the Intel
Peripheral Components Data Book and numerous other
industry publications.
Ports A0-A1 - Slave Interrupt Controller
The Slave Interrupt Controller controls system interrupt
channels 8-15.
The slave system interrupt controller also
occupies two register locations:
I/O Address Bits 15-0
Register Name
0000 0000 101x xxx0
Slave Interrupt Control
RW
0000 0000 101x xxx1
Slave Interrupt Mask
RW
Note that not all address bits are decoded.
The Slave Interrupt Controller is compatible with the Intel
8259 Interrupt Controller chip. Detailed descriptions of 8259
Interrupt Controller operation can be obtained from the Intel
Peripheral Components Data Book and numerous other
industry publications.
Interrupt Controller Shadow Registers
The following shadow registers are enabled by setting bit 4 of
Rx47 to 1 (offset 47h in the PCI-ISA Bridge function 0
register group). If the shadow registers are enabled, they are
read back at the indicated I/O port instead of the standard
interrupt controller registers (writes to the interrupt controller
register ports are directed to the standard interrupt controller
registers).
Port 20 - Master Interrupt Control Shadow ................... RO
7-5
Reserved
........................................ always reads 0
4OCW3 bit 5
3OCW2 bit 7
2ICW4 bit 4
1ICW4 bit 1
0ICW1 bit 3
Port 21 - Master Interrupt Mask Shadow ....................... RO
7-5
Reserved
........................................ always reads 0
4-0
T7-T3 of Interrupt Vector Address
Port A0 - Slave Interrupt Control Shadow ..................... RO
7-5
Reserved
........................................ always reads 0
4OCW3 bit 5
3OCW2 bit 7
2ICW4 bit 4
1ICW4 bit 1
0ICW1 bit 3
Port A1 - Slave Interrupt Mask Shadow ........................ RO
7-5
Reserved
........................................ always reads 0
4-0
T7-T3 of Interrupt Vector Address
Timer / Counter Registers
Ports 40-43 - Timer / Counter Registers
There are 4 Timer / Counter registers:
I/O Address Bits 15-0
Register Name
0000 0000 010x xx00
Timer / Counter 0 Count
RW
0000 0000 010x xx01
Timer / Counter 1 Count
RW
0000 0000 010x xx10
Timer / Counter 2 Count
RW
0000 0000 010x xx11
Timer / Counter Cmd Mode
WO
Note that not all bits of the address are decoded.
The Timer / Counters are compatible with the Intel 8254
Timer / Counter chip. Detailed descriptions of 8254 Timer /
Counter operation can be obtained from the Intel Peripheral
Components
Data
Book
and
numerous
other
industry
publications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com