Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 70Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 71Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 72Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 73Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 74Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 75Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 76Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 77Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-68-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
I/O Offset 08h – SMBus Slave Control............................RW
7-4
Reserved
........................................ always reads 0
3
SMBus Alert Enable
0
Disable ...................................................default
1
Enable generation of an interrupt or resume
event on the assertion of the SMBALERT#
signal
2
SMBus Shadow Port 2 Enable
0
Disable ...................................................default
1
Enable generation of an interrupt or resume
event on external SMBus master generation of
a transaction with an address that matches the
SMBus Slave Shadow Port 2 register (PCI
function 3 configuration register Rx87).
1
SMBus Shadow Port 1 Enable
0
Disable ...................................................default
1
Enable generation of an interrupt or resume
event on external SMBus master generation of
a transaction with an address that matches the
SMBus Slave Shadow Port 1 register (PCI
function 3 configuration register Rx86).
0
SlaveEnable
0
Disable ...................................................default
1
Enable generation of an interrupt or resume
event on external SMBus master generation of
a transaction with an address that matches the
SMBus host controller slave port of 10h, a
command field which matches the SMBus
Slave Command register (PCI function 3
configuration register Rx85), and a match of
one of the corresponding enabled events in the
SMBus Slave Event Register (I/O Offset 0Ah).
I/O Offset 09h – SMBus Shadow Command ................... RO
This register is used to store command values for external
SMBus master accesses to the host slave and slave shadow
ports.
7-0
Shadow Command.................................... default = 0
This field contains the command value which was
received during an external SMBus master access
whose address field matched the host slave address
(10h) or one of the slave shadow port addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com