Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 75Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 76Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 77Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 78Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 79Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 80Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 81Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 82Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-73-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
General Purpose Power Management Registers
I/O Offset 21-20 - General Purpose Status (GP_STS).RWC
15
Reserved
........................................ always reads 0
14
USB Wakeup Status for STR/STD/Soff (UW_STS)
13
Reserved
........................................ always reads 0
12
Battery Low Status (BL_STS)
This bit is set when the BATLOW# input is asserted
low.
11
Notebook Lid Status (LID_STS)
This bit is set when the LID input detects the edge
selected by Rx2C bit-7 (0=rising, 1=falling).
10
Thermal Detect Status (THRM_STS)
This bit is set when the THRM# input detects the
edge selected by Rx2C bit-6 (0=rising, 1=falling).
9
USB Resume Status (USB_STS)
This bit is set when a USB peripheral generates a
resume event.
8
Ring Status (RI_STS)
This bit is set when the RI# input is asserted low.
7
EXTSMI7 Toggle Status (XSMI7_STS)
This bit is set when the GPI17 pin is toggled.
6
EXTSMI6 Toggle Status (XSMI6_STS)
This bit is set when the GPI16 pin is toggled.
5
EXTSMI5 Toggle Status (XSMI5_STS)
This bit is set when the GPI15 pin is toggled.
4
EXTSMI4 Toggle Status (XSMI4_STS)
This bit is set when the GPI4 pin is toggled.
3
EXTSMI3 Toggle Status (XSMI3_STS)
This bit is set when the GPI3 pin is toggled.
2
EXTSMI2 Toggle Status (XSMI2_STS)
This bit is set when the GPI2 pin is toggled.
1
PME# Status (PME_STS)
This bit is set when the GPI1 pin is asserted high.
0
EXTSMI# Status (EXT_STS)
This bit is set when the EXTSMI# pin is asserted low.
Note that the above bits correspond one for one with the bits
of the General Purpose SCI Enable and General Purpose SMI
Enable registers at offsets 22 and 24:
an SCI or SMI is
generated if the corresponding bit of the General Purpose SCI
or SMI Enable registers, respectively, is set to one.
The above bits are set by hardware only and can only be
cleared by writing a one to the desired bit.
I/O Offset 23-22 - General Purpose SCI Enable ............ RW
15
Reserved
........................................ always reads 0
14
Enable SCI on setting of the UW_STS bit .....def=0
13
Reserved
........................................ always reads 0
12
Enable SCI on setting of the BL_STS bit ......def=0
11
Enable SCI on setting of the LID_STS bit .....def=0
10
Enable SCI on setting of the THRM_STS bit def=0
9
Enable SCI on setting of the USB_STS bit ....def=0
8
Enable SCI on setting of the RI_STS bit .......def=0
7
Enable SCI on setting of the XSMI7_STS bit def=0
6
Enable SCI on setting of the XSMI6_STS bit def=0
5
Enable SCI on setting of the XSMI5_STS bit def=0
4
Enable SCI on setting of the XSMI4_STS bit def=0
3
Enable SCI on setting of the XSMI3_STS bit def=0
2
Enable SCI on setting of the XSMI2_STS bit def=0
1
Enable SCI on setting of the PME_STS bit....def=0
0
Enable SCI on setting of the EXT_STS bit ....def=0
These bits allow generation of an SCI using a separate set of
conditions from those used for generating an SMI.
I/O Offset 25-24 - General Purpose SMI Enable ........... RW
15
Reserved
........................................ always reads 0
14
Enable SMI on setting of the UW_STS bit ....def=0
13
Reserved
........................................ always reads 0
12
Enable SMI on setting of the BL_STS bit .....def=0
11
Enable SMI on setting of the LID_STS bit ....def=0
10
Enable SMI on setting of the THRM_STS bit def=0
9
Enable SMI on setting of the USB_STS bit ...def=0
8
Enable SMI on setting of the RI_STS bit ......def=0
7
Enable SMI on setting of the XSMI7_STS bitdef=0
6
Enable SMI on setting of the XSMI6_STS bitdef=0
5
Enable SMI on setting of the XSMI5_STS bitdef=0
4
Enable SMI on setting of the XSMI4_STS bitdef=0
3
Enable SMI on setting of the XSMI3_STS bitdef=0
2
Enable SMI on setting of the XSMI2_STS bitdef=0
1
Enable SMI on setting of the PME_STS bit...def=0
0
Enable SMI on setting of the EXT_STS bit....def=0
These bits allow generation of an SMI using a separate set of
conditions from those used for generating an SCI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com