Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 79Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 80Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 81Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 82Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 83Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 84Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 85Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 86Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-77-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
I/O Offset 3B-38 - GP Timer Reload Enable ..................RW
All bits in this register default to 0 on power up.
31-11 Reserved
..........................................always read 0
7
Enable GP1 Timer Reload on KBC Access
1 = setting of KBC_STS causes GP1 timer to reload.
6
Enable GP1 Timer Reload on Serial Port Access
1 = setting of COMA_STS or COMB_STScauses
GP1 timer to reload.
5
Reserved
..........................................always read 0
4
Enable GP1 Timer Reload on VGA Access
1 = setting of VGA_STS causes GP1 timer to reload.
3
Enable GP1 Timer Reload on IDE/Floppy Access
1 = setting of FLP_STS, PIDE_STS, or SIDE_STS
causes GP1 timer to reload.
2
Ena GP3 Timer Reload on GPIO Range 1 Access
1 = setting of GR1_STS causes GP3 timer to reload.
1
Ena GP2 Timer Reload on GPIO Range 0 Access
1 = setting of GR0_STS causes GP2 timer to reload.
0
Enable GP0 Timer Reload on Primary Activity
1 = setting of PACT_STS causes GP0 timer to reload.
Primary activities are enabled via the Primary
Activity Detect Enable register (offset 37-34) with
status recorded in the Primary Activity Detect Status
register (offset 33-30).
General Purpose I/O Registers
I/O Offset 45-44 – External SMI Input Value
(EXTSMI_VAL) ................................................................ RO
Depending on the configuration, up to 8 external SCI/SMI
ports are available as indicated below.
The state of these
inputs may be read in this register.
15-11 Reserved
........................................ always reads 0
10
Hardware Monitor IRQ Status
9
SMBus IRQ Status
8
SMBus Resume Status
7
RI# (GPI12 Pin) Input Value
6
SMBALRT# (GPI11 Pin) Input Value
5
Reserved
........................................ always reads 0
4
SLPBTN# (GPI13 Pin) Input Value
3
LID (GPI10 Pin) Input Value
2
BATLOW# (GPI9 Pin) Input Value
1
PME# (GPI1 Pin) Input Value
0
EXTSMI# Input Value
I/O Offset 4B-48 - GPI Port Input Value (GPI_VAL).... RO
31-22 Reserved
......................................... always read 0
21-0 GPI[21-0] Input Value ............................. Read Only
I/O Offset 4F-4C - GPO Port Output Value (GPO_VAL)RW
Reads from this register return the last value written (held on
chip)
31
Reserved
........................................ always reads 0
30-0 GPO[30-0] Output Value..........default = 7FFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com