Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 4Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 5Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 6Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 7Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 9Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 10Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 11Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-2-
Features
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
• UltraDMA-33/66 Master Mode PCI EIDE Controller
− Dual channel master mode PCI supporting four Enhanced IDE devices
− Transfer rate up to 22MB/sec to cover PIO mode 4, multi-word DMA mode 2 drives, and beyond
− Extension to UltraDMA-33 interface for transfer rates to 33MB/sec
− Extension to UltraDMA-66 interface for transfer rates to 66MB/sec
− Thirty-two levels (doublewords) of prefetch and write buffers
− Dual DMA engine for concurrent dual channel operation
− Bus master programming interface for SFF-8038i rev.1.0 and Windows-95 compliant
− Full scatter gather capability
− Support ATAPI compliant devices including DVD devices
− Support PCI native and ATA compatibility modes
− Complete software driver support
− Supports glue-less “Swap-Bay” option with full electrical isolation
• System Management Bus Interface
− Host interface for processor communications
− Slave interface for external SMBus masters
• Sophisticated PC98-Compatible Mobile Power Management
− Supports both ACPI (Advanced Configuration and Power Interface) and legacy (APM) power management
− ACPI v1.0 Compliant
− APM v1.2 Compliant
− CPU clock throttling and clock stop control for complete ACPI C0 to C3 state support
− PCI bus clock run and PCI/CPU clock generator stop control
− Supports multiple system suspend types: power-on suspends with flexible CPU/PCI bus reset options,
suspend to DRAM, and suspend to disk (soft-off), all with hardware automatic wake-up
− Multiple suspend power plane controls and suspend status indicators
− One idle timer, one peripheral timer and one general purpose timer, plus 24/32-bit ACPI compliant timer
− Normal, doze, sleep, suspend and conserve modes
− Global and local device power control
− System event monitoring with two event classes
− Primary and secondary interrupt differentiation for individual channels
− Dedicated input pins for power and sleep buttons, external modem ring indicator, and notebook lid open/close for
system wake-up
− Up to 22 general purpose input ports and 31 output ports
− Multiple internal and external SMI sources for flexible power management models
− Two programmable chip selects and one microcontroller chip select
− Enhanced integrated real time clock (RTC) with date alarm, month alarm, and century field
− Thermal alarm support
− Cache SRAM power-down control
− Hot docking support
− I/O pad leakage control
• Plug and Play Controller
− PCI interrupts steerable to any interrupt channel
− Dual interrupt and DMA signal steering for on-board plug and play devices
− Microsoft Windows 95TM and plug and play BIOS compliant
• Built-in NAND-tree pin scan test capability
• 0.5u, 3.3V, low power CMOS process
• Single chip 324 pin BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com