Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 61Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 62Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 63Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 64Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 65Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 66Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 67Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 68Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-59-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Power Management-Specific PCI Configuration Registers
Offset 40 - Debounce Control...........................................RW
7-6
Reserved
........................................ always reads 0
5
Debounce LID and PWRBTN# Inputs for 200us
0
Disable ...................................................default
1Enable
4-0
Reserved
........................................ always reads 0
Offset 41 - General Configuration (00h)......................... RW
7
I/O Enable for ACPI I/O Base
0
Disable access to ACPI I/O block.......... default
1
Allow access to Power Management I/O
Register Block (see offset 4B-48 to set the
base address for this register block).
The
definitions of the registers in the Power
Management I/O Register Block are included
later in this document, following the Power
Management Subsystem overview.
6
ACPI Timer Reset
0
Disable................................................... default
1Enable
5-4
Reserved (Do Not Program) ...................... default = 0
3
ACPI Timer Count Select
0
24-bit Timer........................................... default
1
32-bit Timer
2
RTC Enable Signal Gated with PSON (SUSC#) in
Soft-Off Mode
0
Disable................................................... default
1Enable
1
Clock Throttling Clock Selection
0
32 usec (512 usec cycle time) ................ default
1
1 msec (16 msec cycle time)
0
Reserved (Do Not Program) ...................... default = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com