Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 57Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 58Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 59Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 60Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 61Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 62Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 63Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 64Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-55-
Function 2 Registers - Universal Serial Bus Controller
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Function 2 Registers - Universal Serial Bus Controller
This USB host controller interface is fully compatible with
UHCI specification v1.1.
There are two sets of software
accessible registers: PCI configuration registers and USB I/O
registers. The PCI configuration registers are located in the
function 2 PCI configuration space of the VT82C596B. The
USB I/O registers are defined in the UHCI v1.1 specification.
PCI Configuration Space Header
Offset 1-0 - Vendor ID .......................................................RO
0-7
Vendor ID
................. (1106h = VIA Technologies)
Offset 3-2 - Device ID.........................................................RO
0-7
Device ID
(3038h = VT82C596B USB Controller)
Offset 5-4 - Command.......................................................RW
15-8 Reserved
........................................ always reads 0
7
Address Stepping ...................... default=0 (disabled)
6
Reserved (parity error response) ..................fixed at 0
5
Reserved (VGA palette snoop) ....................fixed at 0
4
Memory Write and Invalidate . default=0 (disabled)
3
Reserved (special cycle monitoring) ............fixed at 0
2Bus Master ............................... default=0 (disabled)
1
Memory Space........................... default=0 (disabled)
0
I/O Space
............................... default=0 (disabled)
Offset 7-6 - Status ...........................................................RWC
15
Reserved (detected parity error).......... always reads 0
14
Signalled System Error.............................. default=0
13
Received Master Abort.............................. default=0
12
Received Target Abort .............................. default=0
11
Signalled Target Abort .............................. default=0
10-9 DEVSEL# Timing
00 Fast
01 Medium ......................................default (fixed)
10 Slow
11 Reserved
8-0
Reserved
........................................ always reads 0
Offset 8 - Revision ID (nnh) .............................................. RO
7-0
Silicon Revision Code (0 indicates first silicon)
Offset 9 - Programming Interface (00h) .......................... RO
Offset A - Sub Class Code (03h) ....................................... RO
Offset B - Base Class Code (0Ch) ..................................... RO
Offset 0D - Latency Timer ............................................... RW
7-0
Timer Value .......................................... default = 16h
Offset 0E - Header Type (00h).......................................... RO
Offset 23-20 - USB I/O Register Base Address............... RW
31-16 Reserved
........................................ always reads 0
15-5 USB I/O Register Base Address. Port Address for
the base of the 32-byte USB I/O Register block,
corresponding to AD[15:5]
4-0
00001b
Offset 3C - Interrupt Line (00h)...................................... RW
7-4
Reserved
........................................ always reads 0
3-0
USB Interrupt Routing ........................ default = 16h
0000 Disabled ................................................. default
0001 IRQ1
0010 Reserved
0011 IRQ3
0100 IRQ4
0101 IRQ5
0110 IRQ6
0111 IRQ7
1000 IRQ8
1001 IRQ9
1010 IRQ10
1011 IRQ11
1100 IRQ12
1101 IRQ13
1110 IRQ14
1111 Disabled
Offset 3D - Interrupt Pin (04h)......................................... RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com