Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 65Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 66Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 67Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 68Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 69Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 70Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 71Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 72Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-63-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 54 – GPIO Select ....................................................RW
7
GPO21 Pin Function (Pin T18)
0
SUSST2#................................................default
1GPO21
6
Power Well Output Gating for STR
0
Disable ...................................................default
1Enable
5
SUSC# Level for STR
0
SUSC# = 1 for STR................................default
1SUSC# = 0 for STR
4
GPO20 Pin Function (Pin T17)
0
SUSST1#................................................default
1GPO20
3
GPO15 Pin Function (Pin V19)
0
SUSB#....................................................default
1GPO15
2
GPO16 Pin Function (Pin U18)
0
SUSC#....................................................default
1GPO16
1-0
GPO8 Pin Function (Pin T19)
00 GPO8 (ACPI Rx4C[8] ...........................default
01 1 Hz Output
10 2 Hz Output
11 4 Hz Output
Offset 55 – Wakeup Control ............................................ RW
7-1
Reserved
........................................ always reads 0
0
USB Wakeup for STR / STD / Soft Off
0
Disable................................................... default
1Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com