Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 86Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 87Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 88Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 89Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 90Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 91Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 92Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 93Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-84-
Electrical Specifications
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Table 7. AC Characteristics - UltraDMA-33 IDE Bus Interface Timing
Symbol
Description
Timing
Unit
TENV1
Envelope time for read initial
29.3
ns
TDS1
Data setup time for read initial
1.1
ns
TDH1
Data hold time for read initial (rise)
2.3
ns
TENV2
Envelope time for write initial (rise)
29.3
ns
TDVS2
Data setup time for write initial (fall)
42.2
ns
TDVH2
Data hold time for write initial (fall)
17.8
ns
TDVS2
Data setup time for write initial
42.0
ns
TDVH2
Data hold time for write initial
17.2
ns
TRFS
READY to final STROBE time
21.3
ns
TRP
READY to Pause time
180.0
ns
TLI4
Limited interlock time (to STOP)
95.1
ns
TLI4
Limited interlock time (to Host DMARDY)
125.3
ns
TZA4
Delay time required for output drives turning on
102.0
ns
TDVS4
Data setup time for read terminating
55.3
ns
TDVH4
Data hold time for read terminating
31.6
ns
TLI5
Limited interlock time (to STOP)
125.3
ns
TLI5
Limited interlock time (to Host STROBE)
95.2
ns
TMIL5
Limited interlock time with minimum
120.6
ns
TDVS5
Data setup time for write terminating
57.7
ns
TDVH5
Data hold time for write terminating
31.8
ns
TMIL6
Limited interlock time with minimum
155.8
ns
TZA6
Delay time required for output drives turning on
68.5
ns
TLI5
Limited interlock time
65.2
ns
TMIL5
Limited interlock time with minimum
90.6
ns
T2
Delay time of PCLK to DCS3,1#
4.8
ns
T3
Delay time of PCLK to DA[2:0]
5.3
ns
T4
Delay time of PCLK to DIOW#
9.3
ns
T5
Delay time of PCLK to DIOR#
9.2
ns
TWDS
Data setup time during PIO write
85.5
ns
TWDH
Data hold time during PIO write
31.7
ns
TRDS
Data setup time during PIO read
0.4
ns
TRDH
Data hold time during PIO read
2.1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com