Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 38Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 39Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 40Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 41Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 42Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 43Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 44Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 45Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-36-
PCI Function 0 Registers - PCI-to-ISA Bridge
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
ISA Bus Control
Offset 40 - ISA Bus Control..............................................RW
7
ISA Command Delay
0
Normal ...................................................default
1Extra
6
Extended ISA Bus Ready
0
Disable ...................................................default
1Enable
5
ISA Slave Wait States
0
4 Wait States ..........................................default
1
5 Wait States
4
Chipset I/O Wait States
0
2 Wait States ..........................................default
1
4 Wait States
3
I/O Recovery Time
0
Disable ...................................................default
1Enable
2
Extend-ALE
0
Disable ...................................................default
1Enable
1ROM Wait States
0
1 Wait State ............................................default
1
0 Wait States
0
ROM Write
0
Disable ...................................................default
1Enable
Offset 41 - ISA Test Mode ................................................RW
7
Bus Refresh Arbitration (do not program) default=0
6
XRDY Test Mode (do not program)........... default=0
5
Port 92 Fast Reset
0
Disable ...................................................default
1Enable
4
A20G Emulation (do not program)............. default=0
3
Double DMA Clock
0
Disable (DMA Clock = ½ ISA Clock) ...default
1
Enable (DMA Clock = ISA Clock)
2
SHOLD Lock During INTA (do not program) def=0
1
Refresh Request Test Mode (do not program) def=0
0
ISA Refresh
0
Disable ...................................................default
1Enable
Offset 42 - ISA Clock Control.......................................... RW
7
Latch IO16#
0
Enable (recommended setting) .............. default
1
Disable
6
MS16# Output
0
Enable (recommended setting) .............. default
1
Disable
5
Master Request Test Mode (do not program)..def=0
4
Reserved (no defined function) ................. default = 0
3
ISA CLOCK Select Enable
0
ISA Clock = PCICLK/4......................... default
1
ISA Clock selected per bits 2-0
2-0
ISA Bus Clock Select (if bit-3 = 1)
000 PCICLK/3.............................................. default
001 PCICLK/2
010 PCICLK/4
011 PCICLK/6
100 PCICLK/5
101 PCICLK/10
110 PCICLK/12
111 OSC
Note: Procedure for ISA CLOCK switching:
1) Set bit 3 to 0; 2) Change value of bit 2-0; 3) Set bit 3 to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com