Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 13Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 14Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 15Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 16Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 17Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 18Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 19Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 20Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-11-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
ISA Bus Interface
Signal Name
Pin #
I/O
Signal Description
SA[19:0]
V4, U4, W5,
T5, Y6, V6,
Y7, V7, U7,
W8, T8, Y9,
V9, U9, W10,
T10, Y11,
W11, T11, U11
IO
ISA Address Bus
LA[23:17]
T12, Y13, V13,
U13, W14,
T14, Y15
IO
ISA “Latched” Address Bus: The LA[23:17] address lines are bi-directional.
These address lines allow accesses to physical memory on the ISA bus up to
16Mbytes.
SD[15:0]
W19, Y19,
W18, Y18,
V17, Y17, T16,
W16, V1, T1,
Y2, W2, T2,
U2, W3, V3
IO
ISA Bus Data. SD[15:0] provide the data path for devices residing on the ISA bus.
SD7:4 are strap options for keyboard inputs 6:3 (see Function 0 Rx5A)
SBHE#
W12
IO
ISA Byte High Enable. SBHE# indicates, when asserted, that a byte is being
transferred on the upper byte (SD[15:8]) of the data bus. SBHE# is negated during
refresh cycles.
IOR#
Y5
IO
ISA I/O Read. IOR# is the command to an ISA I/O slave device which indicates
that the slave may drive data on to the ISA data bus.
IOW#
T4
IO
ISA I/O Write. IOW# is the command to an ISA I/O slave device which indicates
that the slave may latch data from the ISA data bus.
MEMR#
V15
IO
ISA Memory Read. MEMR# is the command to a memory slave which indicates
that it may drive data onto the ISA data bus.
MEMW#
U15
IO
ISA Memory Write. MEMW# is the command to a memory slave which indicates
that it may latch data from the ISA data bus.
SMEMR#
W4
O
ISA Standard Memory Read. SMEMR# is the command to a memory slave,
under 1MB, which indicates that it may drive data onto the ISA data bus
SMEMW#
U3
O
ISA Standard Memory Write. SMEMW# is the command to a memory slave,
under 1MB, which indicates that it may latch data from the ISA data bus.
BALE
U10
O
ISA Bus Address Latch Enable. BALE is an active high signal asserted by the
VT82C596B to indicate that the address (SA[19:0], LA[23:17] and the SBHE#
signal) is valid
IOCS16#
V12
IO
ISA 16-Bit I/O Chip Select. This signal is driven by I/O devices on the ISA Bus to
indicate that they support 16-bit I/O bus cycles.
MCS16#
Y12
IO
ISA Memory Chip Select 16. ISA slaves that are 16-bit memory devices drive this
line low to indicate they support 16-bit memory bus cycles.
IOCHCK#
Y1
I
ISA I/O Channel Check. When this signal is asserted, it indicates that a parity or
an uncorrectable error has occurred for a device or memory on the ISA Bus.
IOCHRDY
T3
IOD
ISA I/O Channel Ready. This signal is normally high. Devices on the ISA Bus
assert IOCHRDY low to indicate that additional time (wait states) is required to
complete the cycle.
ZWS#
Y3
I
ISA Zero Wait State. Devices on the ISA Bus assert ZWS# to indicate that no wait
states are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com