Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 10Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 11Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 12Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 13Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 14Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 15Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 16Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 17Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-8-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
CPU Interface
Signal Name
Pin #
I/O
Signal Description
CPURST
M19
OD
CPU Reset. The VT82C596B asserts CPURST to reset the CPU during power-up.
INTR
L19
OD
CPU Interrupt. INTR is driven by the VT82C596B to signal the CPU that an
interrupt request is pending and needs service.
NMI
L20
OD
Non-Maskable Interrupt. NMI is used to force a non-maskable interrupt to the
CPU.
The VT82C596B generates an NMI when either SERR# or IOCHK# is
asserted.
INIT
L18
OD
Initialization. The VT82C596B asserts INIT if it detects a shut-down special cycle
on the PCI bus or if a soft reset is initiated by the register
STPCLK#
J18
OD
Stop Clock. STPCLK# is asserted by the VT82C596B to the CPU in response to
different Power-Management events.
SMI#
P20
OD
System Management Interrupt. SMI# is asserted by the VT82C596B to the CPU
in response to different Power-Management events.
FERR#
K19
I
Numerical Coprocessor Error. This signal is tied to the coprocessor error signal on
the CPU. Internally generates interrupt 13 if active.
IGNNE#
L17
OD
Ignore Numeric Error. This pin is connected to the “ignore error” pin on the CPU.
SLP#
K20
OD
Sleep. Used to put the CPU to sleep. Used with slot-1 CPUs only. Not currently
used with socket-7 CPUs.
Universal Serial Bus Interface
Signal Name
Pin #
I/O
Signal Description
USBP0+
G2
IO
USB Port 0 Data +
USBP0-
H3
IO
USB Port 0 Data -
USBOC0#
J1
I
USB Port 0 Over Current Detect. Port 0 is disabled if this input is low.
USBP1+
F1
IO
USB Port 1 Data +
USBP1-
H2
IO
USB Port 1 Data -
USBOC1#
J2
I
USB Port 1 Over Current Detect. Port 1 is disabled if this input is low.
USBCLK
L3
I
USB Clock. 48MHz clock input for Universal Serial Bus interface
System Management Bus (SMB) Interface (I
2C Bus)
Signal Name
Pin #
I/O
Signal Description
SMBCLK
R19
IO
SMB / I
2C Clock.
SMBDATA
T20
IO
SMB / I
2C Data.
SMBALRT# / GPI11
N17
I
MultiFunction Pin
SMB Alert. (Rx74[5] = 0) When the chip is enabled to allow it, assertion generates
an IRQ or SMI interrupt or a power management resume event.
General Purpose Input 11. (Rx74[5] = 1) General purpose input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com