Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 12Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 13Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 14Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 15Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 16Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 17Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 18Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 19Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-10-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
UltraDMA-33 / 66 Enhanced IDE Interface (continued)
Signal Name
Pin #
I/O
Signal Description
PDCS1#
H17
O
Primary Master Chip Select. This signal corresponds to CS1FX# on the primary
IDE connector.
PDCS3#
H16
O
Primary Slave Chip Select. This signal corresponds to CS3FX# on the primary
IDE connector.
SDCS1#
B18
O
Secondary Master Chip Select. This signal corresponds to CS17X# on the
secondary IDE connector.
SDCS3#
C18
O
Secondary Slave Chip Select. This signal corresponds to CS37X# on the secondary
IDE connector.
PDA[2-0]
G17, G18,
G16
O
Primary Disk Address. PDA[2:0] are used to indicate which byte in either the ATA
command block or control block is being accessed.
SDA[2-0]
A18, B17,
C17
O
Secondary Disk Address. SDA[2:0] are used to indicate which byte in either the
ATA command block or control block is being accessed.
PDD[15-0]
F19, E17,
E19, D17,
D19, C19,
B19, A19,
A20, B20,
C20, D20,
D18, E20,
E18, F20
IO
Primary Disk Data
SDD[15-0]
D15, C15,
A15, E14,
B14, D13,
B13, D12,
C12, A13,
C13, A14,
C14, D14,
B15, E15
IO
Secondary Disk Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com