Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 72Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 73Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 74Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 75Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 76Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 77Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 78Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 79Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-70-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Power Management I/O-Space Registers
Basic Power Management Control and Status
I/O Offset 1-0 - Power Management Status .................RWC
The bits in this register are set only by hardware and can be
reset by software by writing a one to the desired bit position.
15
Wakeup Status (WAK_STS) ................... default = 0
This bit is set when the system is in the suspend state
and an enabled resume event occurs. Upon setting
this bit, the system automatically transitions from the
suspend state to the normal working state (from C3 to
C0 for the processor).
14-12 Reserved
........................................ always reads 0
11
Power Status (PWR_STS)........................ default = 0
This bit is set by abnormal power off.
10
RTC Status (RTC_STS) ........................... default = 0
This bit is set when the RTC generates an alarm (on
assertion of the RTC IRQ signal).
9
Sleep Button Status (SB_STS)................. default = 0
This bit is set when the sleep button (SLPBTN# /
GPI13) is pressed.
8
Power Button Status (PB_STS)............... default = 0
This bit is set when the PWRBTN# signal is asserted
LOW.
If the PWRBTN# signal is held LOW for
more than four seconds, this bit is cleared and the
system will transition into the soft off state.
7-6
Reserved
........................................ always reads 0
5
Global Status (GBL_STS)........................ default = 0
This bit is set by hardware when BIOS_RLS is set
(typically by an SMI routine to release control of the
SCI/SMI lock). When this bit is cleared by software
(by writing a one to this bit position) the BIOS_RLS
bit is also cleared at the same time by hardware.
4
Bus Master Status (BM_STS) ................. default = 0
This bit is set when a system bus master requests the
system bus.
All PCI master, ISA master and ISA
DMA devices are included.
3-1
Reserved
........................................ always reads 0
0
Timer Carry Status (TMR_STS)............. default = 0
The bit is set when the 23
rd (31st) bit of the 24 (32)
bit ACPI power management timer changes.
I/O Offset 3-2 - Power Management Enable .................. RW
The bits in this register correspond to the bits in the Power
Management Status Register at offset 1-0.
15
Reserved
........................................ always reads 0
14-11 Reserved
........................................ always reads 0
10
RTC Enable (RTC_EN)............................ default = 0
This bit may be set to trigger either an SCI or an SMI
(depending on the setting of the SCI_EN bit) to be
generated when the RTC_STS bit is set.
9
Sleep Button Enable (SB_EN) ................. default = 0
This bit may be set to trigger either an SCI or SMI
when the SB_STS bit is set.
8
Power Button Enable (PB_EN) .............. default = 1
This bit may be set to trigger either an SCI or an SMI
(depending on the setting of the SCI_EN bit) to be
generated when the PB_STS bit is set.
7-6
Reserved
........................................ always reads 0
5
Global Enable (GBL_EN)......................... default = 0
This bit may be set to trigger either an SCI or an SMI
(depending on the setting of the SCI_EN bit) to be
generated when the GBL_STS bit is set.
4
Reserved
........................................ always reads 0
3-1
Reserved
........................................ always reads 0
0
ACPI Timer Enable (TMR_EN) .............. default = 0
This bit may be set to trigger either an SCI or an SMI
(depending on the setting of the SCI_EN bit) to be
generated when the TMR_STS bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com