Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 78Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 79Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 80Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 81Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 82Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 83Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 84Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 85Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-76-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
I/O Offset 33-30 - Primary Activity Detect Status.......RWC
These bits correspond to the Primary Activity Detect Enable
bits in offset 37-34.
31-11 Reserved
..........................................always read 0
10
Audio Controller Access Status ........... (AUD_STS)
Set if the audio controller is accessed.
9
Keyboard Controller Access Status..... (KBC_STS)
Set if the keyboard controller is accessed via I/O port
60h.
8
VGA Access Status................................ (VGA_STS)
Set if the VGA port is accessed via I/O ports 3B0-
3DFh or memory space A0000-BFFFFh.
7
Parallel Port Access Status....................(PAR_STS)
Set if the parallel port is accessed via I/.O ports 278-
27Fh or 378-37Fh (LPT2 or LPT1).
6
Serial Port B Access Status .............. (COMB_STS)
Set if serial port B is accessed via I/O ports 2F8-2FFh
or 2E8-2EFh.
5
Serial Port A Access Status .............. (COMA_STS)
Set if serial port A is accessed via I/O ports 3F8-3FFh
or 3E8-3EFh.
4
Floppy Access Status.............................. (FLP_STS)
Set if the floppy devices are accessed via I/O ports
3F0-3F5h or 3F7h.
3
Secondary IDE Access Status...............(SIDE_STS)
Set if the secondary IDE port is accessed via I/O
ports 170-177h or 376h.
2
Primary IDE Access Status ................. (PIDE_STS)
Set if the primary IDE port is accessed via I/O ports
1F0-1F7h or 3F6h.
1
Primary Interrupt Activity Status ...... (PIRQ_STS)
Set on the occurrence of a primary interrupt (enabled
via the "Primary Interrupt Channel" register at
Function 3 PCI configuration register offset 44h).
0
PCI Master Activity Status .................... (PCI_STS)
Set on the occurrence of PCI master activity.
Note:
The bits above correspond to the bits of the Primary
Activity Detect Enable register at offset 34 (see right
hand column of this page): if the corresponding bit is
set in that register, setting of the above bits will cause
the PACT_STS bit to be set (bit-0 of the Global
Status register at offset 28). Setting of PACT_STS
may be set up to enable a "Primary Activity Event":
an SMI will be generated if PACT_EN is set (bit-0 of
the Global Enable register at offset 2Ah) and/or the
GP0 timer will be reloaded if the "GP0 Timer Reload
on Primary Activity" bit is set (bit-0 of the GP Timer
Reload Enable register at offset 38 on this page).
Note:
Bits above also correspond to bits of the GP Timer
Reload Enable register at offset 38:
if the
corresponding bit is set in that register, setting the bit
in this register will cause the indicated timer to be
reloaded.
Bits in this register are set by hardware only and may only be
cleared by writing a 1 to the desired bit. All bits default to 0.
I/O Offset 37-34 - Primary Activity Detect Enable........ RW
These bits correspond to the Primary Activity Detect Status
bits in offset 33-30.
31-11 Reserved
......................................... always read 0
10
Audio Controller Status Enable ............ (AUD_EN)
0
Don't set PACT_STS if AUD_STS is set .... def
1
Set PACT_STS if AUD_STS is set
9
Keyboard Controller Status Enable ..... (KBC_EN)
0
Don't set PACT_STS if KBC_STS is set..... def
1
Set PACT_STS if KBC_STS is set
8
VGA Status Enable ................................ (VGA_EN)
0
Don't set PACT_STS if VGA_STS is set .... def
1
Set PACT_STS if VGA_STS is set
7
Parallel Port Status Enable ....................(PAR_EN)
0
Don't set PACT_STS if PAR_STS is set ..... def
1
Set PACT_STS if PAR_STS is set
6
Serial Port B Status Enable ................(COMB_EN)
0
Don't set PACT_STS if COMB_STS is set . def
1
Set PACT_STS if COMB_STS is set
5
Serial Port A Status Enable ............... (COMA_EN)
0
Don't set PACT_STS if COMA_STS is set . def
1
Set PACT_STS if COMA_STS is set
4
Floppy Status Enable .............................. (FLP_EN)
0
Don't set PACT_STS if FLP_STS is set ...... def
1
Set PACT_STS if FLP_STS is set
3
Secondary IDE Status Enable ...............(SIDE_EN)
0
Don't set PACT_STS if SIDE_STS is set .... def
1
Set PACT_STS if SIDE_STS is set
2
Primary IDE Status Enable ...................(PIDE_EN)
0
Don't set PACT_STS if PIDE_STS is set .... def
1
Set PACT_STS if PIDE_STS is set
1
Primary INTR Status Enable ............... (PIRQ_EN)
0
Don't set PACT_STS if PIRQ_STS is set.... def
1
Set PACT_STS if PIRQ_STS is set
0
PCI Master Status Enable ..................... (DRQ_EN)
0
Don't set PACT_STS if PCI_STS is set....... def
1
Set PACT_STS if PCI_STS is set
Note:
Setting of any of the above bits also sets the
PACT_STS bit (bit-0 of offset 28) which causes the
GP0 timer to be reloaded (if PACT_GP0_EN is set)
or generates an SMI (if PACT_EN is set).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com