Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 71Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 72Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 73Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 74Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 75Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 76Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 77Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 78Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 79Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-69-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
I/O Offset 0Ah – SMBus Slave Event ..............................RW
This register is used to enable generation of interrupt or
resume events for accesses to the host controller’s slave port.
15-0 SMBus Slave Event .................................. default = 0
This field contains data bits used to compare against
incoming data to the SMBus Slave Data Register (I/O
Offset 0Ch). When a bit in this register is set and the
corresponding bit the Slave Data register is also set,
an interrupt or resume event will be generated if the
command value matches the value in the SMBus
Slave Command register and the access was to
SMBus host address 10h.
I/O Offset 0Ch – SMBus Slave Data ................................ RO
This register is used to store data values for external SMBus
master accesses to the shadow ports or the SMBus host
controller’s slave port.
15-0 SMBus Slave Data .................................... default = 0
This field contains the data value which was
transmitted during an external SMBus master access
whose address field matched one of the slave shadow
port addresses or the SMBus host controller slave
port address of 10h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com