Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 9Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 10Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 11Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 12Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 13Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 14Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 15Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 16Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-7-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Table 1. Pin Descriptions
PCI Bus Interface
Signal Name
Pin #
I/O
Signal Description
PCLK
D11
I
PCI Clock. PCLK provides timing for all transactions on the PCI Bus.
FRAME#
A5
IO
Frame. Assertion indicates the address phase of a PCI transfer. Negation indicates
that one more data transfer is desired by the cycle initiator.
AD[31:0]
B1, C1, E1,
D1, A2, B2,
C2, E2, B3, C3,
E3, D3, A4,
B4, C4, E4, E6,
D6, A7, B7,
C7, D7, A8,
B8, E8, D8,
A9, B9, C9,
D9, A10, B10
IO
Address/Data Bus. The standard PCI address and data lines. The address is driven
with FRAME# assertion and data is driven or received in following cycles.
C/BE[3:0]#
D2, D4, C6, C8
IO
Command/Byte Enable. The command is driven with FRAME# assertion. Byte
enables corresponding to supplied or requested data are driven on following clocks.
IRDY#
B5
IO
Initiator Ready. Asserted when the initiator is ready for data transfer.
TRDY#
C5
IO
Target Ready. Asserted when the target is ready for data transfer.
STOP#
D5
IO
Stop. Asserted by the target to request the master to stop the current transaction.
DEVSEL#
E5
IO
Device Select. The VT82C596B asserts this signal to claim PCI transactions through
positive or subtractive decoding.
PAR
B6
IO
Parity. A single parity bit is provided over AD[31:0] and C/BE[3:0]#.
SERR#
A6
I
System Error. SERR# can be pulsed active by any PCI device that detects a system
error condition. Upon sampling SERR# active, the VT82C596B can be programmed
to generate an NMI to the CPU.
IDSEL
A3
I
Initialization Device Select.
IDSEL is used as a chip select during PCI
configuration read and write cycles.
PIRQA-D#
R3, R4, P5, G1
I
PCI Interrupt Request. These pins are typically connected to the PCI bus INTA#-
INTD# pins as follows:
PIRQA#
PIRQB#
PIRQC#
PIRQD#
PCI Slot 1
INTA#
INTB#
INTC#
INTD#
PCI Slot 2
INTB#
INTC#
INTD#
INTA#
PCI Slot 3
INTC#
INTD#
INTA#
INTB#
PCI Slot 4
INTD#
INTA#
INTB#
INTC#
PREQ#
B12
O
PCI Request. This signal goes to the North Bridge to request the PCI bus.
PGNT#
A12
I
PCI Grant. This signal is driven by the North Bridge to grant PCI access to the
VT82C596B.
PCKRUN#
C10
IO
PCI Bus Clock Run. This signal indicates whether the PCI clock is or will be
stopped (high) or running (low). The VT82C596B drives this signal low when the
PCI clock is running (default on reset) and releases it when it stops the PCI clock.
External devices may assert this signal low to request that the PCI clock be restarted
or prevent it from stopping. Refer to the PCI Mobile Design Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com