Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 85Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 86Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 87Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 88Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 89Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 90Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 91Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 92Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-83-
Electrical Specifications
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
AC Timing Specifications
Table 6. AC Characteristics - PCI Cycle Timing
Parameter
Min
Max
Unit
Notes
TS
AD[31:0] Setup Time to PCLK Rising
7
ns
TS
FRAME#,TRDY#,IRDY# Setup Time to PCLK Rising
7
ns
TS
CBE[3:0]#, STOP#,DEVSEL# Setup Time to PCLK Rising
7
ns
TS
PGNT# Setup Time to PCLK Rising
12
ns
TH
AD[31:0] Hold Time from PCLK Rising
0
ns
TH
FRAME#,TRDY#,IRDY# Hold Time from PCLK Rising
0
ns
TH
CBE[3:0]#, STOP#,DEVSEL# Hold Time from PCLK Rising
0
ns
TH
PGNT# Hold Time from PCLK Rising
0
ns
TVD
AD[31:0] Valid Delay from PCLK Rising (address phase)
2
11
ns
0pf on min, 50pf on max
TVD
AD[31:0] Valid Delay from PCLK Rising (data phase)
2
11
ns
0pf on min, 50pf on max
TVD
FRAME#,TRDY#,IRDY# Valid Delay from PCLK Rising
2
11
ns
0pf on min, 50pf on max
TVD
CBE[3:0]#, STOP#,DEVSEL# Valid Delay from PCLK Rising
2
11
ns
0pf on min, 50pf on max
TVD
PREQ# Valid Delay from PCLK Rising
2
12
ns
0pf on min, 50pf on max
TFD
FRAME#,TRDY#,IRDY# Float Delay from PCLK Rising
28
ns
0pf on min, 50pf on max
TFD
CBE[3:0]#, STOP#,DEVSEL# Float Delay from PCLK Rising
28
ns
0pf on min, 50pf on max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com